Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8480JS Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP8480JS
Description  Monolithic, 12-Bit Data Acquisition System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8480JS Datasheet(HTML) 5 Page - Sipex Corporation

  SP8480JS Datasheet HTML 1Page - Sipex Corporation SP8480JS Datasheet HTML 2Page - Sipex Corporation SP8480JS Datasheet HTML 3Page - Sipex Corporation SP8480JS Datasheet HTML 4Page - Sipex Corporation SP8480JS Datasheet HTML 5Page - Sipex Corporation SP8480JS Datasheet HTML 6Page - Sipex Corporation SP8480JS Datasheet HTML 7Page - Sipex Corporation SP8480JS Datasheet HTML 8Page - Sipex Corporation SP8480JS Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
293
FEATURES…
The SP8480 Series are complete data acquisi-
tion systems, featuring 8-channel multiplexer,
internal reference and 12-bit sampling A/D con-
verter implemented as a single monolithic IC.
The analog multiplexer accepts 0V to +5V uni-
polar full scale inputs. Output data is formatted
as an 8-bit/4-bit nibble.
Linearity errors of
±0.5 and ±1.0 LSB, and
Differential Non-linearity to 12-bits is guaran-
teed, with no missing codes over temperature.
Channel-to-channel crosstalk is typically -85dB.
Multiplexer settling plus acquisition time is 1.9
µs
maximum; A/D conversion time is 8.1
µs maxi-
mum.
Versions of the SP8480 are available in 28-pin
plastic DIP, ceramic DIP or SOIC packages.
Operating temperature ranges are 0
°C to +70°C
commercial and -40
°C to +85°C industrial.
The SAR, timed by the clock, sequences through
the conversion cycle and returns an end–of–
convert flag to the control section of the ADC.
The clock is then disabled by the control section,
which puts the STATUS output line low. The
control section is enabled to allow the data to be
read by external command (R/C).
Multiplexer Control and Inputs
On the SP8480 the multiplexer is independent
of any other control line. The address line latches
MA
0, MA 1 and MA2 are hard-wired in an enabled
mode in the SP8480, and are therefore transpar-
ent. Data setup time for these inputs is 50ns. If
a device is required with additional MUX con-
trol, please refer to the Sipex SP8481 DAS.
Since the latches are enabled, MUX channel
select data need not be held by the bus for a
minimum period of 3.0
µs after the conversion
has been initiated. This is the time required for
the MUX and Sample and Hold to settle. How-
ever it is advisable that the MUX not be changed
at all during the full 10
µs conversion time due to
capacitive coupling effects of digital edges
through the silicon.
The SP8480 multiplexer inputs have been de-
signed to allow substantial overvoltage condi-
tions to occur without any damage. The inputs
are diode-clamped and further protected with a
200
Ω series resistor. As a result, momentary (10
seconds) input voltages can be as low as -16.5V
or as high as +31.5V with no change or degrada-
tion in multiplexer performance or crosstalk.
This feature allows the output voltage of an
externally connected op amp to swing to
±15V
supply levels with no multiplexer damage. Com-
plicated power-up sequencing is not required to
protect the SP8480. The multiplexer inputs may
be damaged, however, if the inputs are allowed
to either source or sink greater than 100mA.
Initiating A Conversion
Please refer to Figure 4. The SP8480 was de-
signed to require a minimum of control to per-
form a 12-bit conversion. The control input used
is R/C which tri-states the outputs and starts the
conversion when low. The STATUS line indi-
cates when a conversion is in process and when
it is complete. The A
0
control input is used to
CIRCUIT OPERATION…
The SP8480 is a complete 8-channel data acqui-
sition systems (DAS), with on-board
multi-
plexer, voltage reference, sample-and-hold, clock
and tri-state outputs. The digital control archi-
tecture is very similar to the industry-standard
574-type A/D, and uses identical control lines
and digital states.
The multiplexer for the SP8480 is identical in
operation to many discrete devices available
today, except that it has been integrated into the
single-chip DAS. The appropriate channel is
selected using the MUX address lines MA
0,
MA
1, and MA2 per the truth table. The selected
analog input is fed through to the ADC. The
input impedance into any MUX channel will be
on the order to 109 ohms, since it is connected to
the integral sampling structure of the capacitor
DAC. Crosstalk is kept to -85dB at 0V to 5V
p-p
over an input frequency range of 10kHz to 50kHz.
When the internal control section of the SP8480
initiates a conversion command the internal clock
is enabled, and the successive approximation
register (SAR) is reset to all zeros. Once the
conversion has been started it cannot be stopped
or restarted. Data is not available at the output
buffers until the conversion has been completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com