Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5012 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LP5012
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5012 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP5012 Datasheet HTML 24Page - Texas Instruments LP5012 Datasheet HTML 25Page - Texas Instruments LP5012 Datasheet HTML 26Page - Texas Instruments LP5012 Datasheet HTML 27Page - Texas Instruments LP5012 Datasheet HTML 28Page - Texas Instruments LP5012 Datasheet HTML 29Page - Texas Instruments LP5012 Datasheet HTML 30Page - Texas Instruments LP5012 Datasheet HTML 31Page - Texas Instruments LP5012 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
28
LP5009, LP5012
SLVSEH2 – MAY 2019
www.ti.com
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 22. OUT5_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT5_Color
R/W
00h
FFh = The color mixing percentage is 0%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 100%.
8.6.18 OUT6_COLOR (Address = 11h) [reset = 00h]
OUT6_COLOR is shown in Figure 31 and described in Table 23.
Return to Table 4.
Figure 31. OUT6_COLOR Register
7
6
5
4
3
2
1
0
OUT6_Color
R/W-00h
Table 23. OUT6_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT6_Color
R/W
00h
FFh = The color mixing percentage is 0%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 100%.
8.6.19 OUT7_COLOR (Address = 12h) [reset = 00h]
OUT7_COLOR is shown in Figure 32 and described in Table 24.
Return to Table 4.
Figure 32. OUT7_COLOR Register
7
6
5
4
3
2
1
0
OUT7_Color
R/W-00h
Table 24. OUT7_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT7_Color
R/W
00h
FFh = The color mixing percentage is 0%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 100%.
8.6.20 OUT8_COLOR (Address = 13h) [reset = 00h]
OUT8_COLOR is shown in Figure 33 and described in Table 25.
Return to Table 4.
Figure 33. OUT8_COLOR Register
7
6
5
4
3
2
1
0
OUT8_Color
R/W-00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com