Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5012 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP5012
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5012 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5012 Datasheet HTML 3Page - Texas Instruments LP5012 Datasheet HTML 4Page - Texas Instruments LP5012 Datasheet HTML 5Page - Texas Instruments LP5012 Datasheet HTML 6Page - Texas Instruments LP5012 Datasheet HTML 7Page - Texas Instruments LP5012 Datasheet HTML 8Page - Texas Instruments LP5012 Datasheet HTML 9Page - Texas Instruments LP5012 Datasheet HTML 10Page - Texas Instruments LP5012 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
LP5009, LP5012
www.ti.com
SLVSEH2 – MAY 2019
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.5 Electrical Characteristics
over operating ambient temperature range (-40°C < TA< 85°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VCC)
VVCC
Supply voltage
2.7
5.5
V
IVCC
Shutdown supply current
VEN = 0 V
0.2
1
µA
Standby supply current
VEN = 3.3 V, Chip_EN = 0 (bit)
6
10
Normal-mode supply current
With 10-mA LED current per OUTx
4
6
mA
Power-save mode supply current
VEN = 3.3 V, Chip_EN = 1 (bit),
Power_Save_EN = 1 (bit), all the LEDs
off duration > tPSM
6
10
µA
VUVR
Undervoltage restart
VVCC rising
2.5
V
VUVF
Undervoltage shutdown
VVCC falling
2
V
VUV_HYS
Undervoltage shutdown hysteresis
0.2
V
OUTPUT STAGE (OUTx)
IMAX
Maximum sink current (OUT0–OUTx) (For
LP5012, x = 11. For LP5009, x = 8.)
VVCC in full range, Max_Current_Option =
0 (bit), PWM = 100%
25.5
mA
Maximum sink current (OUT0–OUTx) (For
LP5012, x = 11. For LP5009, x = 8.)
VVCC ≥ 3.3 V, Max_Current_Option = 1
(bit), PWM = 100%
35
ILIM
Internal sink current limit (OUT0–OUTx)
(For LP5012, x = 11. For LP5009, x = 8.)
VVCC in full range, Max_Current_Option =
0 (bit), VIREF = 0 V
35
55
80
mA
Internal sink current limit (OUT0–OUTx)
(For LP5012, x = 11. For LP5009, x = 8.)
VVCC ≥ 3.3V, Max_Current_Option=1 (bit),
VIREF = 0 V
40
75
120
Ilkg
Leakage current (OUT0–OUTx) (For
LP5012, x = 11. For LP5009, x = 8.)
PWM = 0%
0.1
1
µA
IERR_DD
Device to device current error,
IERR_DD=(IAVE-ISET)/ISET×100%
Channels' current are set to 10 mA. PWM
= 100%. Already includes the VIREF and
KIREF tolerance
–5%
5%
IERR_CC
Channel to channel current error,
IERR_CC=(IOUTX-IAVE)/IAVE×100%
Channels' current are set to 10 mA. PWM
= 100%. Already includes the VIREF and
KIREF tolerance
–5%
5%
VIREF
IREF voltage
0.7
V
KIREF
IREF ratio
105
ƒPWM
PWM switching frequency
21
29
kHz
VSAT
Output saturation voltage
VVCC in full range, Max_Current_Option =
0 (bit), output current set to 20 mA, the
voltage when the LED current has
dropped 5%
0.25
0.35
V
VVCC ≥ 3.3 V, Max_Current_Option = 1
(bit), output current set to 20 mA, the
voltage when the LED current has
dropped 5%
0.3
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com