Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5012 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP5012
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5012 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP5012 Datasheet HTML 8Page - Texas Instruments LP5012 Datasheet HTML 9Page - Texas Instruments LP5012 Datasheet HTML 10Page - Texas Instruments LP5012 Datasheet HTML 11Page - Texas Instruments LP5012 Datasheet HTML 12Page - Texas Instruments LP5012 Datasheet HTML 13Page - Texas Instruments LP5012 Datasheet HTML 14Page - Texas Instruments LP5012 Datasheet HTML 15Page - Texas Instruments LP5012 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
8 Bits Color
8 Bits Color
8 Bits Color
8 Bits Brightness
Bank Color-Mixing
Bank Brightness-Control
12 Bits / 29kHz PWM
12 Bits / 29kHz PWM
12 Bits / 29kHz PWM
Bank PWM Generators
Bank A:
Bank B:
Bank C:
Phase 1
Phase 2
Phase 3
Cycle Time
Phase 1
Phase 2
Phase 3
LED1
LED4
LED10
LED0
LED3
LED9
LED2
LED5
LED11
12
LP5009, LP5012
SLVSEH2 – MAY 2019
www.ti.com
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.1.4 PWM Phase-Shifting
A PWM phase-shifting scheme allows delaying the time when each LED driver is active. When the LED drivers
are not activated simultaneously, the peak load current from the pre-stage power supply is significantly
decreased. The scheme also reduces input-current ripple and ceramic-capacitor audible ringing. LED drivers are
grouped into three different phases.
•
Phase 1—the rising edge of the PWM pulse is fixed. The falling edge of the pulse is changed when the duty
cycle changes. Phase 1 is applied to LED0, LED3, …, LED9.
•
Phase 2—the middle point of the PWM pulse is fixed. The pulse spreads in both directions when the PWM
duty cycle is increased. Phase 2 is applied to LED1, LED4, …, LED10.
•
Phase 3—the falling edge of the PWM pulse is fixed. The rising edge of the pulse is changed when the duty
cycle changes. Phase 3 is applied to LED2, LED5, …, LED11.
Figure 5. PWM Phase-Shifting
8.3.2 LED Bank Control
For most LED-animation effects, like blinking and breathing, all the RGB LEDs have the same lighting pattern.
Instead of controlling the individual LED separately, which occupies the microcontroller resources heavily, the
LP50xx device provides an easy coding approach, the LED bank control.
Each channel can be configured as either independent control or bank control through the LEDx_Bank_EN
register. When LEDx_Bank_EN = 0 (default), the LED is controlled independently by the related color-mixing and
intensity-control registers. When LEDx_Bank_EN = 1, the LP50xx device drives the LEDs in LED bank-control
mode. The LED bank has its own independent PWM control scheme, which is the same structure as the PWM
scheme of each channel. See PWM Control for Each Channel for more details. When a channel is configured in
LED bank-control mode, the related color mixing and intensity control is governed by the bank control registers
(BANK_A_COLOR, BANK_B_COLOR, BANK_C_COLOR, and BANK_BRIGHTNESS) regardless of the inputs
on its own color-mixing and intensity-control registers.
Figure 6. Bank PWM Control Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com