Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5012 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP5012
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5012 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5012 Datasheet HTML 9Page - Texas Instruments LP5012 Datasheet HTML 10Page - Texas Instruments LP5012 Datasheet HTML 11Page - Texas Instruments LP5012 Datasheet HTML 12Page - Texas Instruments LP5012 Datasheet HTML 13Page - Texas Instruments LP5012 Datasheet HTML 14Page - Texas Instruments LP5012 Datasheet HTML 15Page - Texas Instruments LP5012 Datasheet HTML 16Page - Texas Instruments LP5012 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
IREF
IREF
IREF
SET
V
R
K
I
u
Bank A
CH3/6/9
Bank B
CH4/7/10
Bank C
CH5/8/11
Independent
CH0/1/2
13
LP5009, LP5012
www.ti.com
SLVSEH2 – MAY 2019
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
Table 1. Bank Number and LED Number Assignment
OUT NUMBER
BANK NUMBER
RGB LED MODULE NUMBER
OUT0
Bank A
LED0
OUT1
Bank B
OUT2
Bank C
OUT3
Bank A
LED1
OUT4
Bank B
OUT5
Bank C
OUT6
Bank A
LED2
OUT7
Bank B
OUT8
Bank C
OUT9 (LP5012 only)
Bank A
LED3
OUT10 (LP5012 only)
Bank B
OUT11 (LP5012 only)
Bank C
With the bank control configuration, the LP50xx device enables users to achieve smooth and live LED effects
globally with an ultrasimple software effort. Figure 7 shows an example using LED0 as an independent RGB
indicator and others with group breathing effect.
Figure 7. Bank PWM Control Example
8.3.3 Current Range Setting
The constant-current value (ISET) of all 12 channels is set by a single external resistor, RIREF. The value of RIREF
can be calculated by Equation 1.
where:
•
KIREF = 105
•
VIREF = 0.7 V
(1)
With the IREF pin floating, the output current is close to zero. With the IREF pin shorted to GND, the LP50xx
device provides internal current-limit protection, and the output-channel maximum current is limited to ILIM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com