Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB8 Datasheet(PDF) 3 Page - General Cable Technologies Corporation

Part # ASTMB8
Description  GenFree짰 II LSZH XLPO Single Conductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

ASTMB8 Datasheet(HTML) 3 Page - General Cable Technologies Corporation

  ASTMB8 Datasheet HTML 1Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 2Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 3Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 4Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 5Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 6Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 7Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 8Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 9Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Type XHHW-2 or RHH/RHW-2/USE-2
GenFree
® II LSZH XLPO Single Conductor
3
Specifications 5075, 5125 & 5275
GenFree II LSZH XLPO Low-Voltage Power
Single and Dual Layer Cross-linked Polyolefin Single Conductor
Rated for 600 Volts or 2000 Volts (AC or DC)
For Use in all Closed Environments, Commercial / Utility / Industrial Applications, Free Air or Direct Burial
III.
CONDUCTOR
5075 & 5275 Conductors shall be of compressed tinned copper per ASTM B33 and shall conform
to requirements as listed in ASTM B8 for Class B standing.
5125
Conductors shall be of stranded annealed bare copper per ASTM B3 and shall
conform to requirements as listed in ASTM B8 for Class B stranding.
IV.
SEPARATOR
A suitable separator may be used if deemed necessary by the manufacturer.
V.
INSULATION
5075
The insulation shall be Composite, Low-Smoke, Zero-Halogen, Cross-linked
Polyolefin (LSZH XLPO) colored for contrast with black Low-Smoke, Zero-Halogen,
Cross linked Polyolefin (LSZH XLPO) in accordance with the requirements of UL 44
Type RHH/RHW-2 and UL 854 Type USE-2.
5125
The insulation shall be Low-Smoke, Zero-Halogen, Flame-Retardant Cross-linked
Polyolefin (LSZH XLPO) in accordance with the requirements of UL 44 Type XHHW-
2, black. Colors available upon request.
5275
The insulation shall be Low-Smoke, Zero-Halogen, Cross-linked Polyolefin (LSZH
XLPO) in accordance with the requirements of UL 44 Type RHH/RHW-2 and UL 854
Type USE-2.
All three product lines share both the common critical characteristics and listings, but in a fully
functional LSZH product:
• Type XHHW-2 ― Spec 5125
• Single layer tri-rated Type RHH/RHW-2/USE-2 ― Spec 5275
• Dual layer tri-rated Type RHH/RHW-2/USE-2 ― Spec 5075
GenFree II products meet or exceed the following industry standards and testing criteria:
A. Physical Properties:
Passes the current overload crush test as required per UL 854 for approval as USE-2,
allowing for approval for use in underground service entrance applications as approved by
the NEC.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com