Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB8 Datasheet(PDF) 8 Page - General Cable Technologies Corporation

Part # ASTMB8
Description  GenFree짰 II LSZH XLPO Single Conductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

ASTMB8 Datasheet(HTML) 8 Page - General Cable Technologies Corporation

  ASTMB8 Datasheet HTML 1Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 2Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 3Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 4Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 5Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 6Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 7Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 8Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 9Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Type XHHW-2 or RHH/RHW-2/USE-2
GenFree
® II LSZH XLPO Single Conductor
8
7
Form No. INS-0149-0413
Specifications 5075, 5125 & 5275
GenFree II LSZH XLPO Low-Voltage Power
Single and Dual Layer Cross-linked Polyolefin Single Conductor
Rated for 600 Volts or 2000 Volts (AC or DC)
For Use in all Closed Environments, Commercial / Utility / Industrial Applications, Free Air or Direct Burial
E. Sunlight-Resistant: Exceeds the 720 hour weathering test per the UL 44 and UL 854,
allowing cable to be marked “SUN RES”.
GenFree II Sunlight Test Requirements:
Property or Test
UL 854
USE-2
Requirements
Physical Properties
Sunlight-Resistance 720 Hr Xe Arc
Tensile Strength Retention
Elongation Retention
Table I
85% min
85% min
F. Low Temperature Performance:
Passes the UL 44 cold bend and cold impact tests at -40ºC, allowing “-40ºC” to be printed on
jacket for all three product types.
GenFree II Cold Bend and Impact Test Requirements:
Property or Test
UL 44
Requirements
Physical Properties
Cold Bend 4 hrs. @ -40ºC
Para. 5.11.1
No Cracks
Cold Impact 4 hrs. @ -40ºC
Para. 5.11.2
8 of 10
No cracks
G. Oil Resistance:
Insulation passes the oil resistance test per the UL 44 standard, allowing cables to be
marked as “OIL RES I”.
GenFree II Oil Resistance Testing Results:
Property or Test
UL 44
Requirements
Physical Properties
Oil Immersion IRM 902 (PR I)
Aged 96 Hr. @ 100ºC
Tensile Strength Retention
Elongation Retention
Para. 5.16.1
50% min
50% min



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com