Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB8 Datasheet(PDF) 5 Page - General Cable Technologies Corporation

Part # ASTMB8
Description  GenFree짰 II LSZH XLPO Single Conductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

ASTMB8 Datasheet(HTML) 5 Page - General Cable Technologies Corporation

  ASTMB8 Datasheet HTML 1Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 2Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 3Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 4Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 5Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 6Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 7Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 8Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 9Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Type XHHW-2 or RHH/RHW-2/USE-2
GenFree
® II LSZH XLPO Single Conductor
5
Specifications 5075, 5125 & 5275
GenFree II LSZH XLPO Low-Voltage Power
Single and Dual Layer Cross-linked Polyolefin Single Conductor
Rated for 600 Volts or 2000 Volts (AC or DC)
For Use in all Closed Environments, Commercial / Utility / Industrial Applications, Free Air or Direct Burial
C. Flame Resistance:
Single Wire Test:
All three product types meet the requirements of the UL 44 VW-1 flame test, allowing these
cables to be listed as VW-1 compliant.
Large Scale Tray Flame Tests:
All three product types meet the requirements of both the IEEE 1202 and UL1685 flame test,
allowing all products 1/0 AWG and larger to be UL listed for “CT USE” for installation in cable
trays per the NEC.
GenFree II Flame Test Requirements:
Property or Test
Vertical Tray and VW-1 Test
Requirements
Physical Properties
Test 1 – UL 1685
Max cable
damage height
96” max
Test 2 – IEEE 1202
59” max
Test 3 – UL 44 VW-1
Flame propagation
Flame drops/glowing particles
Indicator flag cannot burn
Cotton below cannot ignite



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com