Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB8 Datasheet(PDF) 7 Page - General Cable Technologies Corporation

Part # ASTMB8
Description  GenFree짰 II LSZH XLPO Single Conductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

ASTMB8 Datasheet(HTML) 7 Page - General Cable Technologies Corporation

  ASTMB8 Datasheet HTML 1Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 2Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 3Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 4Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 5Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 6Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 7Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 8Page - General Cable Technologies Corporation ASTMB8 Datasheet HTML 9Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Type XHHW-2 or RHH/RHW-2/USE-2
GenFree
® II LSZH XLPO Single Conductor
7
Form No. INS-0149-0414
Specifications 5075, 5125 & 5275
GenFree II LSZH XLPO Low-Voltage Power
Single and Dual Layer Cross-linked Polyolefin Single Conductor
Rated for 600 Volts or 2000 Volts (AC or DC)
For Use in all Closed Environments, Commercial / Utility / Industrial Applications, Free Air or Direct Burial
GenFree II UL 1685 Smoke Testing Results:
Property or Test
UL 44/UL 1685
Requirements
Physical Properties
Peak Smoke Release Rate
Para. 5.14.7
0.25 m
2/s
Total Smoke Release Rate
Para. 5.14.7
95 m
2
Smoke Release Rate Test:
0.25
UL 1685 Limited Smoke (Vertical Tray)
1C 1/0 AWG
0.2
0.15
0.1
0.05
0
0
2
4
6
8
10
12
14
16
18
20
Time (Minutes)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com