Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUS50 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUS50
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUS50 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUS50 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUS50 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
1
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Silicon NPN Power Transistor
BUS50
DESCRIPTION
·
Collector–Emitter Sustaining Voltage
: VCEO(SUS) = 125V(Min.)
·
High Switching Speed
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for low voltage ,high speed,power switching in
Inductive circuits where fall time is critical.It is particularly
suited for battery switch mode application such as switching
regulations.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MAX
UNIT
VCBO
Collector-Base Voltage
200
V
VCEO
Collector-Emitter Voltage
125
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
70
A
IB
Base Current
20
A
PC
Collector Power Dissipation
@TC=25℃
350
W
Tj
Junction Temperature
-65~200
℃
Tstg
Storage Temperature Range
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.5
℃
/W


Similar Part No. - BUS50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS50 MOTOROLA-BUS50 Datasheet
115Kb / 4P
70 AMPERES NPN SILICON POWER TRANSISTOR 125 VOLTS (BVCEO) 350 WATTS 200 V (BVCES)
logo
Seme LAB
BUS50 SEME-LAB-BUS50 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
ON Semiconductor
BUS50 ONSEMI-BUS50 Datasheet
51Kb / 4P
NPN Silicon Power Transistors
March, 2001 ??Rev. 9
logo
Inchange Semiconductor ...
BUS50 ISC-BUS50 Datasheet
182Kb / 2P
isc Silicon NPN Power Transistor
logo
Power-One
BUS505 POWER-ONE-BUS505 Datasheet
104Kb / 2P
BUS DC/DC converters(3 WATT)
More results

Similar Description - BUS50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com