Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2 Datasheet(PDF) 9 Page - Eaton All Rights Reserved.

Part # LP2
Description  Single Row Terminal Blocks
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP2 Datasheet(HTML) 9 Page - Eaton All Rights Reserved.

Back Button LP2 Datasheet HTML 5Page - Eaton All Rights Reserved. LP2 Datasheet HTML 6Page - Eaton All Rights Reserved. LP2 Datasheet HTML 7Page - Eaton All Rights Reserved. LP2 Datasheet HTML 8Page - Eaton All Rights Reserved. LP2 Datasheet HTML 9Page - Eaton All Rights Reserved. LP2 Datasheet HTML 10Page - Eaton All Rights Reserved. LP2 Datasheet HTML 11Page - Eaton All Rights Reserved. LP2 Datasheet HTML 12Page - Eaton All Rights Reserved. LP2 Datasheet HTML 13Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
EATON www.eaton.com
Terminal Styles Inches (Millimeters)
Part Numbering System
Family
Terminal Style
Base/End
Poles
Screw Options
Options
A2 - standard barrier
LP2 - low profile barrier
01* - handwired
02 - printed circuit
03 - non feed-thru
04 - wire wrap tail
06 - handwired
07 - extended pin
08 - printed circuit
09 - 0.250˝ QC short
10 - 0.187˝ QC
14 - printed circuit
19 - 0.250˝ QC long
1 - std. base/
mnt. end
2 - std. base/
barrier end on
mount
3 - insulator
base/mnt. end
4 - insulator
base/barrier end
5 - closed base/
mount end
6 - closed base/
molded mount
end
Base/End
Note: 5 & 6
Styles only
available with 03
terminals.
02 to 26 Barrier end
02 to 24 Mount end
Blank–std. screws
00 - screws shipped
bulk
03* - stainless steel
04 - brass nickel-plated
07 - steel SEMS***
09* - brass SEMS
nickel-plated***
CA** - captive screw
WR* - wire ready
AB* - angle mnt. options (pg
11)
A1 to A9 - 0.250˝ QC
B1 to B9 - 0.187˝ QC
DR* - drilled right angle
(pg 11)
L1 to L6 marking options
(pg 25)
MP* mounting plates (pg 11)
R30 to R75 - right angle
bends (pg 11)
S1* - solder lug/flat
Covers - (pg 26)
* A2 only.
** Not compatible with 03-stainless steel screws.
*** SEMS screws not available with hardware options
A2 & LP2
Single RowTerminal Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com