Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2 Datasheet(PDF) 12 Page - Eaton All Rights Reserved.

Part # LP2
Description  Single Row Terminal Blocks
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP2 Datasheet(HTML) 12 Page - Eaton All Rights Reserved.

Back Button LP2 Datasheet HTML 8Page - Eaton All Rights Reserved. LP2 Datasheet HTML 9Page - Eaton All Rights Reserved. LP2 Datasheet HTML 10Page - Eaton All Rights Reserved. LP2 Datasheet HTML 11Page - Eaton All Rights Reserved. LP2 Datasheet HTML 12Page - Eaton All Rights Reserved. LP2 Datasheet HTML 13Page - Eaton All Rights Reserved. LP2 Datasheet HTML 14Page - Eaton All Rights Reserved. LP2 Datasheet HTML 15Page - Eaton All Rights Reserved. LP2 Datasheet HTML 16Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12
EATON www.eaton.com
Part Numbering System
Family
Terminal Style
Base/End
Poles
Screw Options
Options
CB2 - closed back
01 - handwired
02 - printed circuit
07 - extended pin
14 - printed circuit
1 - mount end
2 - barrier end
02 to 26 on
barrier end
02 to 24 on
mount end
Blank–std. screws
07 - steel SEMS
standard
09 - brass SEMS
nickel-plated
AB - angle mounting brackets
(pg 13)
A7 to A9 - 0.250” QC
B7 to B9 - 0.187” QC
EB - exit back terminals
EF - exit front terminals
L1 to L6 marking options (pg 25)
LT1 to LT6 marking options (pg
25)
MP mtg. plates (pg 13)
Covers - (pg 26)
Terminal Styles Inches (Millimeters)
Screw Options
(Bulk ordering part numbers are in parentheses)
CB2 Terminal Exit Options Inches (Millimeters)
CB2
Single RowTerminal Blocks
C
2
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com