Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # LP2
Description  Single Row Terminal Blocks
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP2 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  LP2 Datasheet HTML 1Page - Eaton All Rights Reserved. LP2 Datasheet HTML 2Page - Eaton All Rights Reserved. LP2 Datasheet HTML 3Page - Eaton All Rights Reserved. LP2 Datasheet HTML 4Page - Eaton All Rights Reserved. LP2 Datasheet HTML 5Page - Eaton All Rights Reserved. LP2 Datasheet HTML 6Page - Eaton All Rights Reserved. LP2 Datasheet HTML 7Page - Eaton All Rights Reserved. LP2 Datasheet HTML 8Page - Eaton All Rights Reserved. LP2 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
A0 & CB0
Specifications
Rating: 10 A, 300 V
Center Spacing: 0.25” (6.35 mm)
Wire Range: #16-30 AWG
Screw Size: M3.0 nickel-plated steel SEMS
Torque Rating: 10 lb-in.
Recommended PCB Hole Diameter: 1.6 mm - 1.8 mm
Operating Temperature: -40 °C to +120 °C
Body Material: Polyamide 66, UL94 V-0, Black
Terminal Material: Brass, tin plated
Breakdown Voltage: 2000 V
Agency Information: UL file E62622
MOUNTING ENDS
BARRIER ENDS
Poles
A
Length
B
Mount
Centers
A
Length
B
End Pole
Centers
02
1.04
0.79
0.54
0.25
03
1.29
1.04
0.79
0.50
04
1.54
1.29
1.04
0.75
05
1.79
1.54
1.29
1.00
06
2.04
1.79
1.54
1.25
07
2.29
2.04
1.79
1.50
08
2.54
2.29
2.04
1.75
09
2.79
2.54
2.29
2.00
10
3.04
2.79
2.54
2.25
11
3.29
3.04
2.79
2.50
12
3.54
3.29
3.04
2.75
13
3.79
3.54
3.29
3.00
14
4.04
3.79
3.54
3.25
15
4.29
4.04
3.79
3.50
16
4.54
4.29
4.04
3.75
17
4.79
4.54
4.29
4.00
18
5.04
4.79
4.54
4.25
19
5.29
5.04
4.79
4.50
20
5.54
5.29
5.04
4.75
21
5.79
5.54
5.29
5.00
22
6.04
5.79
5.54
5.25
23
6.29
6.04
5.79
5.50
24
6.54
6.29
6.04
5.75
25
6.79
6.54
6.29
6.00
26
7.04
6.79
6.54
6.25
27
7.29
7.04
6.79
6.50
28
7.54
7.29
7.04
6.75
29
7.79
7.54
7.29
7.00
30
8.04
7.79
7.54
7.25
Dimensions in inches. To convert to millimeters, multiply by 25.4.
A00110407
Dimensions- Inches (Millimeters)
A0
0.250
(6.35)
A
B
Mount End
Barrier End
Mount End
Barrier End
0.58
(14.8)
0.12
(3.0)
Ø
0.295
(7.5)
A
0.50
(12.7)
B
0.250
(6.35)
0.12
(3.0)
Ø
Mount End
Barrier End
Mount End
Barrier End
0.248
(6.3)
0.551
(14.0)
CB00220407
CB0
Single RowTerminal Blocks


Similar Part No. - LP2

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
PUSHBUTTON SWITCHES - ILLUMINATED
logo
Eaton All Rights Reserv...
LP2 EATON-LP2 Datasheet
819Kb / 7P
Single Row Terminal Blocks
logo
Altech corporation
LP20 ALTECH-LP20 Datasheet
455Kb / 1P
30 mm Legend Plates LPxxx (xxx= Title)
logo
EDSYN Inc.
LP20 EDSYN-LP20 Datasheet
421Kb / 1P
Pick Up Tool Needles and Suction Cups
logo
Superworld Electronics
LP20-1200 SUPERWORLD-LP20-1200 Datasheet
110Kb / 1P
POWER TRANSFORMER
More results

Similar Description - LP2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
Double Row Terminal Blocks
A50110507 COOPER-A50110507 Datasheet
938Kb / 23P
Single Row Terminal Blocks
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
Terminal Blocks - Single Row
logo
Cooper Bussmann, Inc.
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
Double Row Terminal Blocks
BB1 COOPER-BB1 Datasheet
105Kb / 1P
Single Row Terminal Blocks Continued
logo
Eaton All Rights Reserv...
A2000 EATON-A2000 Datasheet
1Mb / 6P
Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
Single Row Terminal Blocks
LP2 EATON-LP2 Datasheet
819Kb / 7P
Single Row Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com