Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2 Datasheet(PDF) 11 Page - Eaton All Rights Reserved.

Part # LP2
Description  Single Row Terminal Blocks
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP2 Datasheet(HTML) 11 Page - Eaton All Rights Reserved.

Back Button LP2 Datasheet HTML 7Page - Eaton All Rights Reserved. LP2 Datasheet HTML 8Page - Eaton All Rights Reserved. LP2 Datasheet HTML 9Page - Eaton All Rights Reserved. LP2 Datasheet HTML 10Page - Eaton All Rights Reserved. LP2 Datasheet HTML 11Page - Eaton All Rights Reserved. LP2 Datasheet HTML 12Page - Eaton All Rights Reserved. LP2 Datasheet HTML 13Page - Eaton All Rights Reserved. LP2 Datasheet HTML 14Page - Eaton All Rights Reserved. LP2 Datasheet HTML 15Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
EATON www.eaton.com
Right Angle Bends
Right angle terminals are offered on the A2 & LP2. Configurations are
defined in these dimensions: X = pin extension beyond the block base;
Z = length from block base to centerline of the terminal tip. Standard
bends consist of the X and Z dimensions shown in the chart. Specify by
adding the selected Bend Option Code to the terminal part number.
04 Terminal Bend Configurations
Bend Option Code
X
(minimum)
Z
Available with
insulator base
R35
0.01
0.23
No
R42
0.08
0.16
No
R46
0.12
0.12
No
R50
0.16
0.08
No
Dimensions in inches. To convert to millimeters, multiply by 25.4.
Angle Brackets
Option AB
Angle brackets enable block to be fastened at right angles to normal
mount position. Bulk part number 2AB-J.
Mounting Plates
Options MP
MP Metal inserts with 0.150” dia. hole accept #6 screw.
Bulk part number 2MP-J.
07 Terminal Bend Configurations
Bend Option Code
X
(minimum)
Z
Available with
insulator base
R35
0.01
0.50
Yes
R42
0.08
0.43
Yes
R46
0.12
0.39
Yes
R50
0.16
0.35
No
R53
0.19
0.32
No
R66
0.32
0.19
No
R75
0.41
0.10
No
Dimensions in inches. To convert to millimeters, multiply by 25.4.
Drilled Right Angle
Option DR
Counterbored holes across mount ends of block enable fastening
with two screws at right angles to normal mount position.
A2 & LP2
Single RowTerminal Blocks
Mounting Options Inches (Millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com