Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVRGA0508S Datasheet(PDF) 3 Page - VPT, Inc.

Part # SVRGA0508S
Description  SPACE QUALIFIED POINT OF LOAD CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRGA0508S Datasheet(HTML) 3 Page - VPT, Inc.

  SVRGA0508S Datasheet HTML 1Page - VPT, Inc. SVRGA0508S Datasheet HTML 2Page - VPT, Inc. SVRGA0508S Datasheet HTML 3Page - VPT, Inc. SVRGA0508S Datasheet HTML 4Page - VPT, Inc. SVRGA0508S Datasheet HTML 5Page - VPT, Inc. SVRGA0508S Datasheet HTML 6Page - VPT, Inc. SVRGA0508S Datasheet HTML 7Page - VPT, Inc. SVRGA0508S Datasheet HTML 8Page - VPT, Inc. SVRGA0508S Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVFA0515S - 4.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 3
SVFA0515S Series
3.2 PERFORMANCE SPECIFICATIONS1
Tcase = -55 °C to +125 °C, Vin = +5 V ± 1%, Full Load, Unless Otherwise Specified
SVFA0515S
Parameter
Conditions
Min
Typ
Max
Units
INPUT
Voltage4
Vout = 0.8 V to 2.5 V
3.5
-
7.0
V
Vout = 2.6 V to 3.3 V
4.2
-
7.0
V
Current
INH < 1.5 V
-
30
35
mA
No Load
-
140
220
mA
Undervoltage Lockout4,5
Turn-On
-
3.0
-
V
Turn-Off
-
2.7
-
V
OUTPUT STATIC
Voltage
Tcase = 25 °C
-1.0
-
+1.0
%Vout
Tcase = -55 °C to +125 °C
-1.5
-
+1.5
%Vout
Power2
0
-
51
W
Current
0
-
15
A
Ripple Voltage
20 Hz to 10 MHz
-
100
180
mVpp
Load Regulation
No Load to Full Load
-
20
35
mV
Load Fault Power Dissipation
Vout = 3.3 V
-
2.5
5
W
OUTPUT DYNAMIC
Load Step, Half to Full Load, Vout = 3.3 V
Output Transient
-
100
200
mV
Recovery3
-
20
60
µs
Turn-On, Vin = 0 to 5 V
Delay
-
5
10
ms
Overshoot
-
3
15
mVpk
FUNCTION
INH Pin Input4
Output Inhibited
0
-
1.5
V
INH Pin Open Circuit Voltage4
Output Enabled
-
4.7
Vin
V
GENERAL
Efficiency
Vout = 3.3 V
87
91
-
%
Capacitive Load4
-
-
5000
µF
Switching Frequency
200
250
315
kHz
Weight
Standard package option
-
-
16
g
MTBF (MIL-HDBK-217F)
SF @ Tcase = 55 °C
-
6.82
-
MHr
POST-RAD END-OF-LIFE LIMITS6
OUTPUT Voltage
Tcase = -55 °C to +125 °C
-3.0
-
+3.0
%Vout
Switching Frequency
Tcase = -55 °C to +125 °C, Vin = 5 V
190
-
325
kHz
Tcase = -55 °C to +125 °C, Vin = 3.6 V
– 7
V
185
-
350
kHz
1. Performance specifications are met with 100 µF from VIN to COM
2. Dependent on output voltage
3. Time for output voltage to settle within 1% of steady-state value
4. Verified by qualification testing
5. Output voltage not necessarily in regulation
6. End-of-Life performance includes aging and radiation degradation and is within standard limits except where noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com