Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVRGA0508S Datasheet(PDF) 6 Page - VPT, Inc.

Part # SVRGA0508S
Description  SPACE QUALIFIED POINT OF LOAD CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRGA0508S Datasheet(HTML) 6 Page - VPT, Inc.

Back Button SVRGA0508S Datasheet HTML 2Page - VPT, Inc. SVRGA0508S Datasheet HTML 3Page - VPT, Inc. SVRGA0508S Datasheet HTML 4Page - VPT, Inc. SVRGA0508S Datasheet HTML 5Page - VPT, Inc. SVRGA0508S Datasheet HTML 6Page - VPT, Inc. SVRGA0508S Datasheet HTML 7Page - VPT, Inc. SVRGA0508S Datasheet HTML 8Page - VPT, Inc. SVRGA0508S Datasheet HTML 9Page - VPT, Inc. SVRGA0508S Datasheet HTML 10Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVFA0515S - 4.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 6
SVFA0515S Series
6.0 TECHNICAL NOTES
Please note that many of these
functions are also demonstrated
in detail on the VPT website in the form of technical video labs.
6.1 GENERAL INFORMATION
6.1.1 Topology Description
The SVFA0515S Series is a non-isolated, fixed-frequency, radiation-hardened, synchronous buck converter. It operates from a 5 V
input and provides a stepped-down, precisely regulated, programmable output voltage at very-high efficiency. The SVFA0515S is
optimized for low voltage point of load applications.
6.1.2 External Components
The SVFA0515S Series has internal input and output capacitors. To meet the performance specifications in Section 3.2, a minimum
additional 100 µF tantalum input decoupling capacitor is required. The SVFA0515S is stable with no load capacitance. Additional output
capacitance is allowed up to the maximum listed in Section 3.2.
6.1.3 Source Impedance
The impedance of the 5 V input source can interact with the point of load converter and can affect performance. High source
impedance is often caused by a long input cable or other components added in series with the input. In some cases, additional input
capacitance will be needed to stabilize the system.
6.2 FUNCTION DESCRIPTIONS
6.2.1 On/Off Control (Inhibit)
The INH (Inhibit) pin is a control pin referenced to COM. The INH pin must be driven
using an open-collector or open-drain configuration. Pulling the INH pin low disables
the converter output. Leaving INH open enables the output, allowing the converter to
operate normally. The pin must be pulled below 1.5 V to disable the output. An
optional capacitor from INH to COM may be used to delay turn-on. The INH pin should
be left open if not used.
6.2.2 Adjusting the Output Voltage (TRIM)
The output voltage of the converter is set with an external resistor connected from the TRIM pin to the COM pin. This resistor must
have a tolerance of 1% or better to achieve an accurate output voltage. The default output voltage with the TRIM pin left open is 0.8 V.
SVFA0515S
+Vout (V)
Rtrim
(Ω)
0.8
None
0.9
205k
1.0
99.9k
1.2
47.4k
1.5
24.9k
1.8
15.9k
1.9
13.9k
2.0
12.4k
2.5
7.25k
2.8
5.4k
3.0
4.44k
3.3
3.30k
3.4
2.98k
2
COM
3
INH
1
+VIN
OPTIONAL
CAPACITOR
47K
+
-
+
-
0.7 V
210K
30K
5.1K
+VOUT
TRIM
COM
R-TRIM
+SENSE
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com