Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVRGA0508S Datasheet(PDF) 1 Page - VPT, Inc.

Part # SVRGA0508S
Description  SPACE QUALIFIED POINT OF LOAD CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRGA0508S Datasheet(HTML) 1 Page - VPT, Inc.

  SVRGA0508S Datasheet HTML 1Page - VPT, Inc. SVRGA0508S Datasheet HTML 2Page - VPT, Inc. SVRGA0508S Datasheet HTML 3Page - VPT, Inc. SVRGA0508S Datasheet HTML 4Page - VPT, Inc. SVRGA0508S Datasheet HTML 5Page - VPT, Inc. SVRGA0508S Datasheet HTML 6Page - VPT, Inc. SVRGA0508S Datasheet HTML 7Page - VPT, Inc. SVRGA0508S Datasheet HTML 8Page - VPT, Inc. SVRGA0508S Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVFA0515S - 4.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 1
SVFA0515S SERIES
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVFA Series DC-DC Converter
Models Available
Input: 5 V nominal
15 A output
Qualified to MIL-PRF-38534 Class H and Class K
1.0 DESCRIPTION
The SVFA Series of space qualified point of load DC-DC
converters is specifically designed for the harsh radiation
environment of space applications. Performance is guaranteed
through the use of hardened semiconductor components,
radiation lot acceptance testing (RLAT) of non-hardened
components, and analysis. The SVFA Series has been
characterized for Total Ionizing Dose (TID) performance
including Enhanced Low Dose Rate Sensitivity (ELDRS) and for
Single Event Effects (SEE)
according to VPT’s DLA-approved
Radiation Hardness Assurance (RHA) plan per MIL-PRF-38534,
Appendix G, Level P. Characterization is performed at both the
component level and at the SVFA Series hybrid converter level.
The SVFA Series of point of load DC-DC converters is radiation
tolerant and suited for use in low Earth orbit (LEO), medium
Earth orbit (MEO), geostationary orbit (GEO), deep space, and
launch vehicle programs.
1.1 FEATURES
• Operates from 5 V input
• Adjustable Output from 0.8 V to 3.4 V
• Up to 15 Amps Output
• High Efficiency, up to 94%
• High Power Density, >160 W/in3
• Output Inhibit Control
• Low Output Noise
• No Use of Optoisolators
• Short Circuit Protection
1.2 SPACE LEVEL CHARACTERIZATIONS
• Guaranteed TID performance to 40 krad(Si) including ELDRS
• SEE performance to 85 MeV-cm2/mg. Transients are fully
characterized for cross section and magnitude
• Worst-case analysis, stress, radiation, reliability reports available
1.3 MANUFACTURING AND COMPLIANCE
• Qualified to MIL-PRF-38534 Class H and Class K,
DLA SMD # 5962-17201
• MIL-PRF-38534 element evaluated components
• Manufactured in a MIL-PRF-38534 Class H and Class K facility
• MIL-STD-883
• ISO-9001
1.4 PACKAGING
• Low-profile: 1.075” x 1.075” x 0.270”
• Max weight: 16 g
• Precision projection-welded hermetic metal case
1.5 SIMILAR PRODUCTS AND ACCESSORIES
• SVFA0515SG 15 A space qualified point of load DC-DC converter
• SVFA0510S 10 A space qualified point of load DC-DC converter
• SVFA0510SG 10 A space qualified point of load DC-DC converter
• SVGA0510S 10 A space qualified point of load DC-DC converter
• SVGA0515S 15 A space qualified point of load DC-DC converter
• SVRGA0508S 8 A space qualified point of load DC-DC converter
• Custom versions available
• Space qualified isolated DC-DC converters, 15 - 100 W
• EMI filters


Similar Part No. - SVRGA0508S

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
SVRGA0508S VPT-SVRGA0508S Datasheet
556Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVRGA0508S VPT-SVRGA0508S Datasheet
1Mb / 13P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVRGA0508S VPT-SVRGA0508S Datasheet
1Mb / 13P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVRGA0508S VPT-SVRGA0508S Datasheet
784Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVRGA0508S VPT-SVRGA0508S Datasheet
1Mb / 13P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
More results

Similar Description - SVRGA0508S

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
SVFA0510S VPT-SVFA0510S Datasheet
556Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVFA0510SG VPT-SVFA0510SG Datasheet
1Mb / 13P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVFA0515SG VPT-SVFA0515SG Datasheet
1Mb / 13P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVGA0510S VPT-SVGA0510S Datasheet
784Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVGA0510SG VPT-SVGA0510SG Datasheet
1Mb / 13P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVGA0515S VPT-SVGA0515S Datasheet
778Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVPL3R306SG VPT-SVPL3R306SG Datasheet
1Mb / 15P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVPL3R312SG VPT-SVPL3R312SG Datasheet
1Mb / 15P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVPL1209SG VPT-SVPL1209SG Datasheet
1Mb / 17P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVRGA0508S VPT-SVRGA0508S Datasheet
646Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com