Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVRGA0508S Datasheet(PDF) 9 Page - VPT, Inc.

Part # SVRGA0508S
Description  SPACE QUALIFIED POINT OF LOAD CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRGA0508S Datasheet(HTML) 9 Page - VPT, Inc.

Back Button SVRGA0508S Datasheet HTML 3Page - VPT, Inc. SVRGA0508S Datasheet HTML 4Page - VPT, Inc. SVRGA0508S Datasheet HTML 5Page - VPT, Inc. SVRGA0508S Datasheet HTML 6Page - VPT, Inc. SVRGA0508S Datasheet HTML 7Page - VPT, Inc. SVRGA0508S Datasheet HTML 8Page - VPT, Inc. SVRGA0508S Datasheet HTML 9Page - VPT, Inc. SVRGA0508S Datasheet HTML 10Page - VPT, Inc. SVRGA0508S Datasheet HTML 11Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVFA0515S - 4.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 9
SVFA0515S Series
7.0 ENVIRONMENTAL SCREENING
100% tested per MIL-STD-883 as referenced to MIL-PRF-38534.
Contact sales for more information concerning additional environmental screening and testing options. VPT Inc. reserves the right to
ship higher screened or SMD products to meet orders for lower screening levels at our sole discretion unless specifically forbidden by
customer contract.
Test
MIL-STD-883 Test
Method, Condition
/H+
(Class H + PIND)
/K
(Class K)
/EM
(Engineering Model)
Non-QML1,6
Non-Destructive
Bond Pull
TM2023
●2
●
●2
Internal Visual
TM2010, TM2017, TM2032
(MIL-STD-750, TM2072,
TM2073)
●
●
●
Temperature
Cycling
TM1010, Condition C
-65 °C to 150 °C, Ambient
●
●
Constant
Acceleration
TM2001, 3000g, Y1
Direction
●
●
PIND3
TM2020, Condition A
●2
●
Pre Burn-In
Electrical
25 °C
●
Burn-In
TM1015, 320 hrs.,
125 °C, Case Typ
●
TM1015, 160 hrs.,
125 °C, Case Typ
●
24 hrs., 125 °C, Case Typ
●
Final Electrical
MIL-PRF-38534, Group A
Subgroups 1-6
-55 °C, 25 °C, 125 °C4
●
●
MIL-PRF-38534, Group A
Subgroups 1 and 4
25 °C
●
Hermeticity
(Seal)
TM1014, Fine Leak,
Condition A2 or B1
●
●
TM1014, Gross Leak,
Condition C or B2
●
●
Gross Leak, Dip (1x10-3)
●
Radiography5
TM2012
●
External Visual
TM2009
●
●
●
1. Non-QML products may not meet all requirements of MIL-PRF-38534
2. Not required per MIL-PRF-38534. Test performed for additional product quality
assurance
3. PIND test Certificate of Compliance included in product shipment
4. 100% R&R testing with all test data included in product shipment
5. Radiographic test Certificate of Compliance and film(s) or data CD included in
product shipment
6. Engineering models utilize only the screening specified and are not considered
compliant for flight use



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com