Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G683L15SQL1U Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G683L15SQL1U
Description  Low Voltage Reset IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G683L15SQL1U Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G683L15SQL1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G683L15SQL1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G683L15SQL1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G683L15SQL1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G683L15SQL1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G683L15SQL1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G683L15SQL1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G683L15SQL1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G683L15SQL1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Ver: 0.8
Feb 27, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G682/G683
Global Mixed-mode Technology
Low Voltage Reset IC
Features
Monitor Supply Voltages from 0.9V to 1.8V
±2% Reset Threshold Accuracy
Capacitor-Adjustable Reset Timeout Period
tRP (ms) ≅ 2.7 × CD (nF) at VCC=3.3V
Low Quiescent Current : 10µA at VCC =3.3V
Available in three RESET Output Options
Push-Pull
RESET Output (G682L)
Push-Pull RESET Output (G682H)
Open-Drain RESET (G683L)
Programmable Reset Threshold Application
(G68_ _09T_)
Guaranteed Reset Valid to VCC = 1V
Power-Supply Transient Immunity
SOT-23-5, SC-70-5, DFN1.6X1.6-6 and
ADFN1.5X1.5-6 Packages
Applications
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable/Battery-Powered Equipment
Telecom/Networking Equipment
General Description
The G682/G683 microprocessor (µP) supervisory cir-
cuits monitor system voltages in µP and digital sys-
tems. They provide excellent circuit reliability at low
cost by eliminating external components.
Since the sense pin is separated from power supply, it
allows the IC to monitor added power supply. Using
the IC with the sense pin separated from power supply
enables output to maintain the state of detection even
when voltage of the monitored power supply drops to
0V. The VSEN pin of G68_ _09T_ is high impedance
and can be used for application of reset threshold
programming.
Moreover, with the built-in delay circuit, connecting the
delay capacitance pin to the capacitor enables the IC
to provide an arbitrary release delay time.
All of these devices are offered in SOT-23-5, SC-70-5,
DFN1.6X1.6-6 and ADNF1.5X1.5-6 packages.
Pin Configuration
Typical Application Circuit
SOT-23-5/SC-70-5
RESET
(RESET)
GND
5
1
2
CD
4
3
VSEN
VCC
G682/G683 T11/TA1
()is for G682H
SOT-23-5/SC-70-5
RESET
(RESET)
GND
5
1
2
VSEN
4
3
VCC
CD
G682/G683 T12/TA2
Detect
Voltage
VCC
VSEN
GND
RESET
(RESET)
CD
*100kΩ
*The 100kΩ pull up resistor is only for G683L
**Adjustable reset threshold voltage is only for G68__09T_.
V
th = 0.788 ×
VCC
VSEN
GND
RESET
(RESET)
CD
*100kΩ
R1+R2
R2
Detect
Voltage
R1
R2
**
DFN1.6X1.6-6
1
2
3
6
5
4
Thermal
Pad
G682/G683
GND
VCC
NC
CD
VSEN
Note: Recommend connecting the Thermal Pad
to the Ground for excellent power dissipation.
RESET
(RESET)
ADFN1.5X1.5-6
1
2
3
6
5
4
G682/G683
GND
NC
CD
VSEN
VCC
RESET
(RESET)
SOT-23-5/SC-70-5
RESET
(RESET)
GND
5
1
2
CD
4
3
VSEN
VCC
G682/G683 T11/TA1
()is for G682H
SOT-23-5/SC-70-5
RESET
(RESET)
GND
5
1
2
VSEN
4
3
VCC
CD
G682/G683 T12/TA2
Detect
Voltage
VCC
VSEN
GND
RESET
(RESET)
CD
*100kΩ
*The 100kΩ pull up resistor is only for G683L
**Adjustable reset threshold voltage is only for G68__09T_.
V
th = 0.788 ×
VCC
VSEN
GND
RESET
(RESET)
CD
*100kΩ
R1+R2
R2
R1+R2
R2
Detect
Voltage
R1
R2
**
DFN1.6X1.6-6
1
2
3
6
5
4
Thermal
Pad
G682/G683
GND
VCC
NC
CD
VSEN
Note: Recommend connecting the Thermal Pad
to the Ground for excellent power dissipation.
RESET
(RESET)
ADFN1.5X1.5-6
1
2
3
6
5
4
G682/G683
GND
NC
CD
VSEN
VCC
RESET
(RESET)


Similar Part No. - G683L15SQL1U

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
G68 TAYCHIPST-G68 Datasheet
1Mb / 3P
Silicon Z?밆iodes
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G680 GMT-G680 Datasheet
56Kb / 1P
Microprocessor Reset IC
logo
BELIMO AIRCONTROLS (USA...
G680C BELIMO-G680C Datasheet
1Mb / 4P
Flow characteristic equal percentage
G680CS BELIMO-G680CS Datasheet
996Kb / 4P
Flow characteristic equal percentage
More results

Similar Description - G683L15SQL1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
Microprocessor Reset IC
logo
Interpion semiconductor
IP1621 INTERPION-IP1621 Datasheet
364Kb / 15P
DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
IP1622 INTERPION-IP1622 Datasheet
362Kb / 15P
DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
logo
Global Mixed-mode Techn...
G684 GMT-G684 Datasheet
174Kb / 7P
Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
Microprocessor Reset IC
logo
Micrel Semiconductor
MIC2786 MICREL-MIC2786 Datasheet
585Kb / 17P
Push-Button Reset IC with Voltage Supervisor
logo
Global Mixed-mode Techn...
G686 GMT-G686 Datasheet
56Kb / 1P
Low Voltage Reset IC
logo
ACE Technology Co., LTD...
ACE803N ACE-ACE803N Datasheet
651Kb / 8P
Ultra Low Power Microprocessor Reset IC
VER 1.2
logo
Shanghai Consonance Ele...
CN803 CONSONANCE-CN803 Datasheet
144Kb / 7P
Ultra Low Power Microprocessor Reset IC
logo
AiT Semiconductor Inc.
A4804 AITSEMI-A4804 Datasheet
661Kb / 10P
SUPERVISOR (RESET IC) HIGH-PRECISION N-CH LOW VOLTAGE DETECTOR
REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com