Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD2000M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WD2000M
Description  Big-screen simplicity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WD2000M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WD2000M Datasheet HTML 1Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 2Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 3Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 4Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 5Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 6Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 7Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 8Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
30˚
80˚
Big-screen simplicity
Both the WD1 and WD2 stations feature three independent and
fully programmable preset buttons that allow you to select
a preset temperature for each. The operation of the
buttons is similar to the station selection
buttons on a car radio... just set the
temperature to the desired setting,
press and hold any of the buttons
for two seconds, and that button is
preset to that temperature.
The programming range of the
buttons is anywhere within the
station’s temperature range of
150°F to 850°F.
A button can be preset to your
favorite idle temperature, allowing
you to instantly activate a feature
that saves both tip life and power,
even before the station activates it
automatically.
Both stations also feature a large
(67mm x 29mm) high contrast LCD display that
simultaneously shows currently selected temperature and
the temperature that has been programmed for each
of the three preset buttons.
Three programmable presets and a large LCD display make operation easy
50 degrees of freedom
Like the WD1 and WD2 stations, their matching
micro soldering pencil stands offer both
unmatched style and superior function.
No matter which pencil you choose, stands
have a four-position tilt adjustment you can
set at the angle that feels best to you.
Stands also feature an antistatic finish to
ensure safety against electrostatic discharge,
and three (3) tip storage slots.
New pencil stand design adjusts
to fit each user’s personal style
2
WD1 l WD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com