Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD2000M Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WD2000M
Description  Big-screen simplicity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WD2000M Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button WD2000M Datasheet HTML 3Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 4Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 5Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 6Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 7Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 8Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 9Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 10Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Dual Outputs
The WD2M control unit has dual outputs.
Two-channels will run up to two 80 watt
tools simultaneously.
WMRT Desoldering Tweezers
Quickly and easily desolders SMD
chip packages as small as 0201.
Stop and Go Tool Rest
The built-in Stop+Go function in the
safety rest reduces the temperature of
the tips when the tweezer is inserted.
The WD2000M allows simultaneous use of
both the WMRP micro soldering pencil and
the new WMRT micro desoldering tweezers.
An ideal package for reworking small
component circuit boards.
Silver buttons on the front panel indicate
compatibility with silver soldering pencil
(WMRP) and rework tweezers (WMRT).
WD2000M I 2-80 Watt outputs
See page 8 for features on the WMRP soldering pencil
and the WMRT Micro desoldering tweezer
When you place the WMRT tweezers in the WMRTH
Stop+Go rest, the unit is switched off to extend tip life.
When you remove the tweezers from the stand,
you can begin working again almost immediately
due to the super-fast heat-up.
WMRTH I featuring Stop+Go



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com