Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD2000M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WD2000M
Description  Big-screen simplicity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WD2000M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WD2000M Datasheet HTML 1Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 2Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 3Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 4Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 5Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 6Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 7Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 8Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
WMP
The accuracy and economy champ
With a tip-to-grip distance of just 37 mm, accuracy
is unsurpassed. And the WMP heating element is built into
the pencil, not the tip, so replacement tips cost substantially
less. This pencil offers super fast heat-up and superior
thermal recovery for fast, efficient soldering.
Specifications:
WMP Pencil
Power Consumption
65 W
Voltage
24 V
Heating Element Type
Nichrome Wound
Silver Spool
Cord Length
4 ft. (1.22 m)
Supplied Tip
NT1
Powerful capability
Another Weller breakthrough–Powerful 80-watt performance
combined with a new shorter handle
This powerful 80-watt pencil allows rapid production when working
with lead-free solder, high-mass components, and other demanding
applications. A special silver heating element for low thermal loss and fast
recovery make this unit ideal for continuous production work.
Specifications:
WP80 Pencil
Power Consumption
80W
Voltage
24 V
Heating Element Type
Nichrome Wound
Silver Spool
Cord Length
4 ft. (1.22 m)
Supplied Tip
LTB
WP80
Two Pencils In One
The Silver Spool heating
element provides low
thermal loss and fast
recovery
3
See page 5 for LT and NT Series tips



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com