Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD2000M Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # WD2000M
Description  Big-screen simplicity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WD2000M Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button WD2000M Datasheet HTML 3Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 4Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 5Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 6Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 7Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 8Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 9Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 10Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
9
Micro-sized handpieces
Boasting fast heat-up and recovery times
WMRP l WMRT
The WMRP soldering pencil has an extremely short heat-up time.
All component parts of the system, such as the sensor and heating
element, are designed for optimum heat transfer. This ensures
absolute efficiency in the utilization of the power provided by
the supply unit. The recovery time is minimized. Changing
soldering tips is quick, easy, and, most importantly,
requires no tools.
Specifications:
WMRP Pencil
Power Consumption
40W
Voltage
24 V
Cord Length
4 ft. (1.22 m)
Supplied Tip
RT3
(Order No. 0054460399)
WMRP
Quick and versatile
The micro design employs the use of tip cartridges
with a twin parallel design, so the tips are always in
alignment. With the WMRT, you are able to desolder
very small SMD components down to 0201.
Specifications:
WMRT Tweezer
Power Consumption
80W
Voltage
24 V
Cord Length
4 ft. (1.22 m)
Supplied Tip
RTW2 (Order No. 0054465299)
WMRT
Left and right tweezer legs
individually controlled
Tip changes can be made quickly without a tip
changing tool or grip pad. Easy plug in-plug out
design.
WMRT I Featuring fast, easy
tip cartridge changes
RT 1
Needle tip
–
–
0054460199
RT 2
Point tip
Ø 0.4 mm
–
0054460299
RT 3
Chisel shape, straight
1.3 mm
0.4 mm
0054460399
RT 4
Chisel shape, straight
1.5 mm
0.4 mm
0054460499
RT 5
Chisel shape, bent, 30°
0.8 mm
0.4 mm
0054460599
RT 6
Round shape, beveled, 45°
Ø 1.2 mm
–
0054460599
RT 7
Knife tip, 45°
2.2 mm
–
0054460799
RTW 1
Conical
0.2 mm
45°
0054465199
RTW 2
Conical
0.7 x 0.4 mm
45°
0054465299
RTW 3
Blade
3.0 x 0.7 mm
45°
0054465399
RTW 4
Blade
6.0 x 0.7 mm
45°
0054465499
TIPS
RT SERIES TIPS FOR WMRP MICRO SOLDERING PENCIL
Model
Description
Width A
Thickness B
Order No.
TIP SETS FOR WMRT SOLDERING TWEEZER
Model
Description
Dimensions
Order No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com