Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCV236 Datasheet(PDF) 21 Page - California Eastern Labs

Part # THCV236
Description  SerDes transmitter and receiver with bi-directional transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THCV236 Datasheet(HTML) 21 Page - California Eastern Labs

Back Button THCV236 Datasheet HTML 17Page - California Eastern Labs THCV236 Datasheet HTML 18Page - California Eastern Labs THCV236 Datasheet HTML 19Page - California Eastern Labs THCV236 Datasheet HTML 20Page - California Eastern Labs THCV236 Datasheet HTML 21Page - California Eastern Labs THCV236 Datasheet HTML 22Page - California Eastern Labs THCV236 Datasheet HTML 23Page - California Eastern Labs THCV236 Datasheet HTML 24Page - California Eastern Labs THCV236 Datasheet HTML 25Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
THCV235_THCV236_Rev.3.40_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
21/68
Security E
Table 18. Sub-Link Field BET Operation Setting
THCV235/THCV236
Common Setting
THCV235
Setting
THCV236
Setting
Condition
PDN0
PDN1
SUBMODE
BET
BET_SEL
MSSEL
LATEN
MSSEL
LATEN
Main-Link
Sub-Link
Output Latch
Select
0
1
1
1
(*1)
1
(*3)
0
-
1
1
(*5)
Power
Down
Field BET
Operation
Latched
Result
1
1
(*5)
0
-
0
1
(*2)
1
(*4)
0
-
1
1
(*5)
1
1
(*5)
0
-
*1 Pin setting. Note that BET pin should be 0 at power on sequence.
*2 THCV235: Register setting (0x53 bit1), THCV236: Pin setting. Note that BET pin should be 0 at power on sequence.
*3 When PDN0=0, PDN1=1, SUBMODE=1 and BET=1, BET_SEL is set to 1 automatically.
*4 Register setting (0x53 bit0, Default 0)
*5 Forbidden 0 setting
Table 19. Sub-Link Slave device Sub-Link Field BET Result
BETOUT
Output
L
Bit Error Occurred
H
No Error
THCV235
THCV236
CLKIN
BET=1
(Pin or
Register)
Test Pattern
Checker
Test Pattern
Generator
Data inputs
are ignored
RF/BETOUT
Test Point
for
Field BET
LATEN/SD3/AIN1/GPIO0 = 0 or 1
BET_SEL=0
(Register)
BET=1
(Pin)
BET_SEL=0
(Register)
0
1
Main-Link
Figure 6. Main-Link Field BET Configuration
Figure 7. Sub-Link Field BET Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com