Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCV236 Datasheet(PDF) 32 Page - California Eastern Labs

Part # THCV236
Description  SerDes transmitter and receiver with bi-directional transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THCV236 Datasheet(HTML) 32 Page - California Eastern Labs

Back Button THCV236 Datasheet HTML 28Page - California Eastern Labs THCV236 Datasheet HTML 29Page - California Eastern Labs THCV236 Datasheet HTML 30Page - California Eastern Labs THCV236 Datasheet HTML 31Page - California Eastern Labs THCV236 Datasheet HTML 32Page - California Eastern Labs THCV236 Datasheet HTML 33Page - California Eastern Labs THCV236 Datasheet HTML 34Page - California Eastern Labs THCV236 Datasheet HTML 35Page - California Eastern Labs THCV236 Datasheet HTML 36Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
THCV235_THCV236_Rev.3.40_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
32/68
Security E
Table 30. Remote side 2-wire serial slave register Write Procedure for 16bit register address
Step
Description
R/W
Address
1
Set slave address of remote side 2-wire serial slave device (Low-order 7bits),
and enable this address (High-order 1bit).
W
0x04-0x0B
2
Write 1 or 0 and clear(auto clear) access status register (2WIRE_ACS_END_INT).
W
0x02 bit7
3
Set the data for remote side 2-wire serial slave to write (Max 16byte).
W
0x10-0x1F
4
Set slave address of access target 2-wire serial slave (choose the value set in
0x04-0x0B[6:0]), and set 1 to 0x20 bit7.
W
0x20
5
Set the byte number written to remote side 2-wire serial slave (Max 16byte).
(Byte number = register value + 1)
W
0x21
6
Set the low-order bits([7:0]) of start address of remote side 2-wire serial slave register
to write.
W
0x27
7
Set the high-order bits([15:8]) of start address of remote side 2-wire serial slave
register to write.
W
0x28
8
Write 1 to WR_START_16B. (Start write access to remote side 2-wire serial slave
register)
W
0x2B (*1)
9
(*2)
2-wire serial slave of Sub-Link Master perform clock stretching until remote side 2-wire
serial slave register access is completed.
-
-
9
(*3)
When write access is completed, 2WIRE_ACS_END_INT register value become 1
and interrupt occurs (INT=H → L).
-
-
10
If write access was normally ended, read value should be “0x1”.
R
0x02
11
Repeat from step2 to step10 if needed.
-
-
*1 It’s Prohibit that HOST MPU start access to Sub-Link Slave or remote 2-wire serial slave before the previous access to
Sub-Link Slave or remote side 2-wire serial slave is completed.
*2 When 2WIRE_MODE = 00 (Clock Stretching Mode)
*3 When 2WIRE_MODE = 01 (No Clock Stretching Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com