Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCV236 Datasheet(PDF) 8 Page - California Eastern Labs

Part # THCV236
Description  SerDes transmitter and receiver with bi-directional transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THCV236 Datasheet(HTML) 8 Page - California Eastern Labs

Back Button THCV236 Datasheet HTML 4Page - California Eastern Labs THCV236 Datasheet HTML 5Page - California Eastern Labs THCV236 Datasheet HTML 6Page - California Eastern Labs THCV236 Datasheet HTML 7Page - California Eastern Labs THCV236 Datasheet HTML 8Page - California Eastern Labs THCV236 Datasheet HTML 9Page - California Eastern Labs THCV236 Datasheet HTML 10Page - California Eastern Labs THCV236 Datasheet HTML 11Page - California Eastern Labs THCV236 Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
THCV235_THCV236_Rev.3.40_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
8/68
Security E
Table 1. Pin Sharing Description (THCV235)
Sub-Link State →
Sub-Link
Power Down
Low Speed Data
Bridge Mode
2-wire serial
I/F Mode
Sub-Link
Master/Slave →
-
Master
Slave
Master
Slave
PDN1
0
1
1
1
1
HTPDN/SUBMODE
*
1
1
0
0
LOCKN/MSSEL
*
0
1
0
1
BET/GPIO1
0
0
0
*
*
RF/BETOUT
RF
BETOUT(*2)
COL0/INT/GPIO2
COL0
COL0
COL0
INT
GPIO2(*4)
COL1/SD0
COL1
SD0(input)
SD0(output)(*6)
SD0(SDA)
SD0(SDA)
PRE/SD1
PRE
SD1(input)
SD1(output)(*6)
SD1(SCL)
SD1(SCL)
CMLDRV/SD2/AIN0/GPIO3
CMLDRV
SD2(input)
SD2(output)(*6)
AIN0
GPIO3(*5)
LATEN/SD3/AIN1/GPIO4
-(*1)
SD3(output)(*6)
SD3(input)
AIN1
GPIO4(*5)
LATEN(*3)
SSEN/GPIO0
SSEN
SSEN
SSEN
GPIO0(*4)
GPIO0(*4)
BET/GPIO1
BET
BET
BET
GPIO1(*4)
GPIO1(*4)
MAINMODE/TCMP
MAINMODE
TCMP
HFSEL/TCMN
HFSEL
TCMN
LOCKN/MSSEL
LOCKN
MSSEL
HTPDN/SUBMODE
HTPDN
SUBMODE
*1 There is no function. LVCMOS IO has input state. Must be fixed at 0 or 1 input.
*2 When Field BET mode (Main-Link or Sub-Link), it functions as BETOUT output.
*3 When Field BET mode (Main-Link or Sub-Link), it functions as LATEN input.
*4 Programmable GPIO input is default on register setting.
*5 Through GPIO open-drain output is default on register setting.
*6 Low Speed Data Bridge Mode output is LVCMOS push pull buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com