Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCV236 Datasheet(PDF) 13 Page - California Eastern Labs

Part # THCV236
Description  SerDes transmitter and receiver with bi-directional transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THCV236 Datasheet(HTML) 13 Page - California Eastern Labs

Back Button THCV236 Datasheet HTML 9Page - California Eastern Labs THCV236 Datasheet HTML 10Page - California Eastern Labs THCV236 Datasheet HTML 11Page - California Eastern Labs THCV236 Datasheet HTML 12Page - California Eastern Labs THCV236 Datasheet HTML 13Page - California Eastern Labs THCV236 Datasheet HTML 14Page - California Eastern Labs THCV236 Datasheet HTML 15Page - California Eastern Labs THCV236 Datasheet HTML 16Page - California Eastern Labs THCV236 Datasheet HTML 17Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
THCV235_THCV236_Rev.3.40_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
13/68
Security E
Functional Overview
With High Speed CML SerDes, proprietary encoding scheme and CDR (Clock and Data Recovery)
architecture, the THCV235 and THCV236 enable transmission of 24/30bit video data, 2bits of user defined data,
synchronizing signals HSYNC,VSYNC and DE(Data Enable) as well as any data (up to 35 bit) through
Main-Link by single differential pair cable with minimal external components. In addition, the THCV235 and
THCV236 have Sub-Link which enables bi-directional transmission of 2-wire serial interface signals, GPIO
signals and also HTPDN/LOCKN signals for Main-Link through the other 1-pair of CML-Line. It does not need
any external frequency reference, such as a crystal oscillator. The THCV235 - THCV236 system is able to watch
and control peripheral devices via 2-wire serial interface or GPIOs. They also can report interrupt events caused
by change of GPIO inputs and internal statuses.
Functional Description
Internal Reference Output/Input Function (CAPOUT, CAPINA, CAPINP)
An internal regulator produces the 1.2V (CAPOUT). This 1.2V linear regulator can’t supply any other
external loads. Bypass CAPOUT to GND with 10uF.
CAPINP (THCV235 only) supplies reference voltage for internal PLL, and CAPINA supplies reference
voltage for any internal analog circuit. Bypass CAPINP/CAPINA to GND with 0.1uF to remove high frequency
noise. CAPOUT, CAPINA and CAPINP must be tied together.
Power supply AVDD is supposed to be stabilized with de-coupling capacitor and series noise filter (for example,
ferrite bead).
Figure 1. Connection of CAPOUT, CAPINA, CAPINP and Decoupling Capacitor
Power Down (PDN1, PDN0)
PDN1 and PDN0 turn off internal circuitry of Main-Link and Sub-Link separately.
Table 3. Power Down Setting
PDN1
PDN0
Operation
0
0
Both Main-Link and Sub-Link power down
0
1
Only Main-Link is active
1
0
Only Sub-Link is active
1
1
Both Main-Link and Sub-Link active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com