Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9827HT Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # C9827HT
Description  High Performance Pentium 4 Clock Synthesizer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9827HT Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button C9827HT Datasheet HTML 17Page - Cypress Semiconductor C9827HT Datasheet HTML 18Page - Cypress Semiconductor C9827HT Datasheet HTML 19Page - Cypress Semiconductor C9827HT Datasheet HTML 20Page - Cypress Semiconductor C9827HT Datasheet HTML 21Page - Cypress Semiconductor C9827HT Datasheet HTML 22Page - Cypress Semiconductor C9827HT Datasheet HTML 23Page - Cypress Semiconductor C9827HT Datasheet HTML 24Page - Cypress Semiconductor C9827HT Datasheet HTML 25Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
C9827H
High Performance Pentium® 4 Clock Synthesizer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07106 Rev. *A
12/26/2002
Page 21 of 25
Approved Product
VTT_PWRGD# Timing Diagram
VID (0:3),
SEL (0,1)
VTT_PWRGD#
PWRGD
VDD Clock Gen
Clock State
Clock Outputs
Clock VCO
0.2-0.3mS
Delay
State 0
State 2
State 3
Wait for
VTT_GD#
Sample Sels
Off
Off
On
On
State 1
(Note A)
Note A: Device is not effected, VTT_PWRGD# is ignored.
Clock Generator PowerUp/Run State Diagram
Delay 0.25mS
S1
Power Off
S0
VDDA = 2.0V
Sample
Inputs (pins
54,55)
S2
VDD3.3 = Off
Normal
Operation
S3
Enable Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com