Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9827HT Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # C9827HT
Description  High Performance Pentium 4 Clock Synthesizer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9827HT Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button C9827HT Datasheet HTML 17Page - Cypress Semiconductor C9827HT Datasheet HTML 18Page - Cypress Semiconductor C9827HT Datasheet HTML 19Page - Cypress Semiconductor C9827HT Datasheet HTML 20Page - Cypress Semiconductor C9827HT Datasheet HTML 21Page - Cypress Semiconductor C9827HT Datasheet HTML 22Page - Cypress Semiconductor C9827HT Datasheet HTML 23Page - Cypress Semiconductor C9827HT Datasheet HTML 24Page - Cypress Semiconductor C9827HT Datasheet HTML 25Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
C9827H
High Performance Pentium® 4 Clock Synthesizer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07106 Rev. *A
12/26/2002
Page 22 of 25
Approved Product
DC Characteristics
Current Accuracy
Conditions
Configuration
Load
Min
Max
Iout
VDD = nominal (3.30V)
M0 = 0 or 1 and Rr shown in
Table
Nominal test load for
given configuration
-7% Inom
+ 7% Inom
Iout
VDD = 3.30 +/- 5%
All combinations of M0 or 1
and Rr shown in Table
Nominal test load for
given configuration
-12% Inom
+ 12% Inom
Note: Inom refers to the expected current based on the configuration of the device.
DC Component Parameters (VDD = 3.3V ±5%, TA = 0°C to +70°C)
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Dynamic Supply Current
Idd3.3V
-
-
280
mA
All frequencies at maximum values,
Note 1
Power Down Supply
current
Ipd3.3V
-
-
See
Note 2
mA
PD# Asserted
Input pin capacitance
Cin
-
-
5
pF
Output pin capacitance
Cout
-
-
6
pF
Pin Inductance
Lpin
-
-
7
nH
Crystal pin capacitance
Cxtal
30
36
42
pF
Measured from the Xin or Xout Pin to
Ground.
Note1:
All outputs loaded as per maximum capacitive load table.
Note2:
Absolute value = ((Programmed CPU Iref) (7)) + 10 ma



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com