Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9827HT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # C9827HT
Description  High Performance Pentium 4 Clock Synthesizer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9827HT Datasheet(HTML) 1 Page - Cypress Semiconductor

  C9827HT Datasheet HTML 1Page - Cypress Semiconductor C9827HT Datasheet HTML 2Page - Cypress Semiconductor C9827HT Datasheet HTML 3Page - Cypress Semiconductor C9827HT Datasheet HTML 4Page - Cypress Semiconductor C9827HT Datasheet HTML 5Page - Cypress Semiconductor C9827HT Datasheet HTML 6Page - Cypress Semiconductor C9827HT Datasheet HTML 7Page - Cypress Semiconductor C9827HT Datasheet HTML 8Page - Cypress Semiconductor C9827HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
C9827H
High Performance Pentium® 4 Clock Synthesizer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07106 Rev. *A
12/26/2002
Page 1 of 25
Approved Product
Product Features
•
Supports Pentium
® 4 Type CPUs
•
3.3 Volt Power Supply
•
10 Copies of PCI Clocks
•
3 Differential CPU Clocks
•
SMBus Support with Read-back Capabilities
•
Spread Spectrum EMI Reduction
•
Dial-a-Frequency™ Features
•
Dial-a-dB™ Features
•
56 Pin SSOP and TSSOP Package
Frequency Table
S2
S1
S0
CPU
(0:2)
3V66
66BUFF(0:2)/
3V66(0:4)
66IN/
3V66-5
PCI_F
PCI
REF
USB/
DOT
1
0
0
66M
66M
66IN
66MHz clock input
66IN/2
14.318M
48M
1
0
1
100M
66M
66IN
66MHz clock input
66IN/2
14.318M
48M
1
1
0
200M
66M
66IN
66MHz clock input
66IN/2
14.318M
48M
1
1
1
133M
66M
66IN
66MHZ clock input
66IN/2
14.318M
48M
0
0
0
66M
66M
66M
66M
33 M
14.318M
48M
0
0
1
100M
66M
66M
66M
33 M
14.318M
48M
0
1
0
200M
66M
66M
66M
33 M
14.318M
48M
0
1
1
133M
66M
66M
66M
33 M
14.318M
48M
M
0
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
M
0
1
TCLK/2
TCLK/4
TCLK/4
TCLK/4
TCLK/8
TCLK
TCLK/2
M
1
0
150M
50M
50M
50M
25M
14.318M
48M
M
1
1
166.6M
55.5M
55.5M
55.5M
27.7M
14.318M
48M
Note: TCLK is a test clock over driven on the XTAL_IN input during test mode. M= driven to a level between 1.0 and 1.8 Volts
If the S2 pin is at a M level during power up, a 0 state will be latched into the devices internal state register.
Block Diagram
Pin Configuration
VDD
XIN
XOUT
VSS
PCIF0
PCIF1
PCIF2
VDD
VSS
PCI0
PCI1
PCI2
PCI3
VDD
VSS
PCI4
PCI5
PCI6
VDD
VSS
66B0/3V66_2
66B1/3V66_3
66B2/3V66_4
66IN/3V66_5
PD#
VDDA
VSSA
VTT_PG#
REF
S1
S0
CPU_STP#
CPU0
CPU/0
VDD
CPU1
CPU/1
VSS
VDD
CPU2
CPU/2
MULT0
IREF
VSSIREF
S2
48MUSB
48MDOT
VDD
VSS
3V66_1/VCH
PCI_STP#
3V66_0
VDD
VSS
SCLK
SDATA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
PLL1
PLL2
/2
WD
Logic
Power
Up Logic
XIN
XOUT
CPU_STP#
IREF
VSSIREF
S(0:2)
MULT0
VTT_PG#
PCI_STP#
PD#
SDATA
SCLK
VDDA
66B[0:2]/3V66[2:4]
48M DOT
48M USB
PCI_F(0:2)
PCI(0:6)
3V66_1/VCH
3V66_0
CPU/(0:2)
CPU(0:2)
REF
66IN/3V66-5
I2C
Logic


Similar Part No. - C9827HT

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C982 PERKINELMER-C982 Datasheet
859Kb / 11P
CHANNEL PHOTO MULTIPLIER
C982P PERKINELMER-C982P Datasheet
859Kb / 11P
CHANNEL PHOTO MULTIPLIER
More results

Similar Description - C9827HT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT3907 IDT-IDT74FCT3907 Datasheet
104Kb / 7P
3.3V PENTIUM??CLOCK SYNTHESIZER
logo
Texas Instruments
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
logo
Cypress Semiconductor
CY2254A CYPRESS-CY2254A Datasheet
94Kb / 8P
Pentium Processor Compatible Clock Synthesizer/Driver
logo
Pericom Semiconductor C...
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
Spread Spectrum Clock Synthesizer for Desktop Pentium II
logo
Cypress Semiconductor
CY28381 CYPRESS-CY28381 Datasheet
143Kb / 19P
High-Performance SiS645DX/648DX/650/651 Intel Pentium 4 Clock Synthesizer
CY28342 CYPRESS-CY28342 Datasheet
178Kb / 22P
High-performance SiS645/650 Pentium 4 Clock Synthesizer
C9870G CYPRESS-C9870G Datasheet
175Kb / 25P
High Performance Pentium짰 4 Clock Synthesizer
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Maxim Integrated Produc...
MAX3674 MAXIM-MAX3674 Datasheet
314Kb / 19P
High-Performance, Dual-Output, Network Clock Synthesizer
Rev 0; 12/07
logo
SpectraLinear Inc
CY28342 SPECTRALINEAR-CY28342 Datasheet
258Kb / 21P
High-performance SiS645/650 Pentium짰 4-Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com