Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9827HT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # C9827HT
Description  High Performance Pentium 4 Clock Synthesizer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9827HT Datasheet(HTML) 3 Page - Cypress Semiconductor

  C9827HT Datasheet HTML 1Page - Cypress Semiconductor C9827HT Datasheet HTML 2Page - Cypress Semiconductor C9827HT Datasheet HTML 3Page - Cypress Semiconductor C9827HT Datasheet HTML 4Page - Cypress Semiconductor C9827HT Datasheet HTML 5Page - Cypress Semiconductor C9827HT Datasheet HTML 6Page - Cypress Semiconductor C9827HT Datasheet HTML 7Page - Cypress Semiconductor C9827HT Datasheet HTML 8Page - Cypress Semiconductor C9827HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
C9827H
High Performance Pentium® 4 Clock Synthesizer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07106 Rev. *A
12/26/2002
Page 3 of 25
Approved Product
Pin Description (Cont.)
PIN
NAME
PWR
I/O
Description
53
CPU_STP#
VDD
I
PU
CPU Clock Disable Input. When asserted low, CPU (0:2) clocks are
synchronously disabled in a high state and CPU/(0:2) clocks are
synchronously disabled in a low state.
24
66IN/3V66_5
VDD
I/O
Input connection for 66CLK(0:2) output clock buffers if S2 = 1, or
output clock for fixed 66 MHz clock if S2=0. See table on page 1
21, 22, 23
66B(0:2)/
3V66(2:4)
VDD
O
3.3 volt clock outputs. These clocks are buffered copies of the 66IN
clock or fixed at 66 MHz. See table on page 1
1, 8, 14, 19,
32, 37, 46, 50
VDD
PWR
3.3V Power Supply
4, 9, 15, 20,
27, 31, 36, 47
VSS
PWR
Common Ground
41
VSSIREF
PWR
Current reference programming input for CPU buffers. A resistor is
connected between this pin and IREF. See CPU Clock current Select
Table in page 18 of this data sheet. This pin should also be returned to
device VSS.
26
VDDA
-
PWR
Analog power input. Used for PLL and internal analog circuits. Is also
specifically used to detect and determine when power is at an
acceptable level to enable the device to operate.
PU = Internal Pull-Up. PD = Internal Pull-Down. T = Tri level logic input with valid logic voltages of LOW=<0.8V, T=1.0-1.8V and
HIGH=>2.0V
2-Wire SMBus Control Interface
The 2-wire control interface implements a read/write slave only interface according to SMBus specification. (See
Application Note AN-0022).
The device will accept data written to the D2 address and data may read back from address D3. It will not respond to
any other addresses, and previously set control registers are retained as long as power in maintained on the device.
Serial Control Registers
Following the acknowledge of the Address Byte, two additional bytes must be sent:
1) “Command Code “ byte, and
2) “Byte Count” byte.
Although the data (bits) in the command is considered “don’t care”; it must be sent and will be acknowledged.
After the Command Code and the Byte Count have been acknowledged, the sequence (Byte 0, Byte 1, and Byte 2)
described below will be valid and acknowledged.
Note: The Pin# column lists the relevant pin number where applicable. The @Pup column gives the default state at
power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com