Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4612 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4612
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4612 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4612 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4612 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4612 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4612 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4612 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
- 4 -
P-Channel Electrical Characteristics (Tj = 25℃ unless otherwise specified)
P 沟道电气特性
25℃
Parameter 参数
符号
Test Condition 测试条件
最小值
典型值
最大值
单位
Static 静态参数
Drain-Source Breakdown Voltage 漏源击穿电压
BVDSS VGS = 0 V , I D = -250u A
-60
V
Drain-Source On-State Resistance 漏源导通电阻
RDS(on) VGS = -10 V ,I D= - 3.2 A
95
110
Drain-Source On-State Resistance 漏源导通电阻
RDS(on) VGS = -4.5 V, I D= - 2.8 A
125
140
m
Ω
Gate Threshold Voltage
栅源电压
VGS(th) VDS = VGS , I D = - 250 u A
-1
-2.5
-4
V
Zero Gate Voltage Drain Current 0 栅压漏极电流
IDSS
VDS = -30 V, V GS = 0 V
-1
u A
Gate Body Leakage
漏极短路时截止栅电流
IGSS
VGS = ± 2 0 V, V DS = 0 V
± 100
n A
Forward Transconductance
正向跨导
gfs
VDS = -5 V, I D = -3.2 A
5
S
Dynamic3) 动态参数
Total Gate Charge
栅极总电荷
Q g
12.7
Gate-Source Charge
栅-源极电荷
Q gs
2.4
Gate-Drain Charge
栅-漏极电荷
Q gd
V DS =- 30 V, I D = - 3.2 A
VGS = -10 V
2.65
n C
Turn-On Delay Time
导通延迟时间
td(on)
16.5
Turn-On Rise Time
导通上升时间
tr
5.5
Turn-Off Delay Time
关断延迟时间
td(off)
31.5
Turn-Off Fall Time
关断下降时间
tf
V DD = -30 V, R L = 10 Ω
ID = - 3.2 A , VGEN = -10 V
R G = 3 Ω
7.9
ns
Input Capacitance
输入电容
Ciss
737
Output Capacitance
输出电容
Coss
64
Reverse Transfer Capacitance
反向传输电容
Crss
VDS = - 30 V, V GS = 0 V
f = 1 .0 M H z
32
p F
Source-Drain Diode 源漏二极管参数
Max. Diode Forward Current 最大正向电流
IS
-2 .3
A
Diode Forward Voltage
正向电压
V SD
IS = -1.0A , VGS = 0 V
-1 .2
V
P-Channel
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
HM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com