Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4612 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4612
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4612 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4612 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4612 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4612 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4612 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4612 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
- 3 -
N-C hanne l Characteristics Curve
N 沟道 电 气性 能特征曲 线
0
5
10
15
20
0
1
2
3
4
5
V
DS (Volts)
Fig 1: On-Region Characteristics
VGS=3.5V
4.0V
10V
5.0V
4.5V
0
5
10
15
2
2.5
3
3.5
4
4.5
5
V
GS(Volts)
Figure 2: Transfer Characteristics
25°C
125°C
VDS=5V
0
5
10
15
20
0
1
2
3
4
5
V
DS (Volts)
Fig 1: On-Region Characteristics
VGS=3.5V
4.0V
10V
5.0V
4.5V
0
5
10
15
2
2.5
3
3.5
4
4.5
5
V
GS(Volts)
Figure 2: Transfer Characteristics
25°C
125°C
VDS=5V
20
30
40
50
60
70
80
90
100
0
5
10
15
20
0.8
1
1.2
1.4
1.6
1.8
2
0
25
50
75
100
125
150
175
VGS=10V
VGS=4.5V
ID=3.0A
ID=4.5A
VGS=4.5V
VGS=10V
20
30
40
50
60
70
80
90
100
0
5
10
15
20
I
D (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
0.8
1
1.2
1.4
1.6
1.8
2
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
VGS=10V
VGS=4.5V
ID=3.0A
ID=4.5A
VGS=4.5V
VGS=10V
HM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com