Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4612 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4612
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4612 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4612 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4612 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4612 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4612 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4612 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4.5
3.0
- 2 -
N-Channel Electrical Characteristics (Tj = 25℃ unless otherwise specified)
N 沟道电气特性
25℃
Parameter 参数
符号
Test Condition 测试条件
最小值
典型值
最大值
单位
Static 静态参数
Drain-Source Breakdown Voltage 漏源击穿电压
BVDSS VGS = 0V, ID = 250uA
60
V
Drain-Source On-State Resistance 漏源导通电阻
RDS(on) VGS = 10V, ID = 4.5A
38.0
48.0
Drain-Source On-State Resistance 漏源导通电阻
RDS(on) VGS = 4.5 V, ID =
A
42.0
60.0
m
Ω
Gate Threshold Voltage
开启电压
VGS(th)
VDS =VGS, ID = 250uA
1
1.65
3
V
Zero Gate Voltage Drain Current 零栅压漏极电流
IDSS
VDS = 48V, VGS = 0V
1
uA
Gate Body Leakage
漏极短路时截止栅电流
IGSS
VGS = ± 20V, VDS = 0V
± 100
nA
Forward Transconductance
正向跨导
gfs
VDS = 5V, ID = 4.5A
17
S
Dynamic 动态参数
Total Gate Charge
栅极总电荷
Qg
13
25
Gate-Source Charge
栅-源极电荷
Qgs
1.2
Gate-Drain Charge
栅-漏极电荷
Qgd
VDS = 30V, ID =
A
VGS = 10V
5.8
nC
Turn-On Delay Time
导通延迟时间
td(on)
9.8
Turn-On Rise Time
导通上升时间
tr
4.4
Turn-Off Delay Time
关断延迟时间
td(off)
37
Turn-Off Fall Time
关断下降时间
tf
VDD = 30 V, RL = 20
Ω
VGEN = 10V
RG = 3
Ω
5
ns
Input Capacitance
输入电容
Ciss
655
Output Capacitance
输出电容
Coss
53
Reverse Transfer Capacitance
反向传输电容
Crss
VDS = 15V, VGS = 0V
f = 1.0 MHz
28.5
pF
Source-Drain Diode 源漏二极管参数
Max. Diode Forward Current 最大正向电流
IS
3.8
A
Diode Forward Voltage
正向电压
VSD
IS = 1A, VGS = 0V
1
V
Note: Pulse test: pulse width <= 300us, duty cycle<= 2%
注意:脉冲测试:脉冲宽度<= 300us 死区<= 2%
2.0
11
HM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com