Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4612 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4612
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4612 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4612 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4612 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4612 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4612 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4612 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4.5
A
4.5
- 1 -
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
N 加 P 沟道增强型 MOS 管
N-CH
VDS= 60V
P-CH
VDS= - 60V
RDS(ON), Vgs@10V, Ids@
= 48mΩ
RDS(ON), Vgs@-10V, Ids@-3.2A = 110mΩ
RDS(ON), Vgs@4.5V, Ids@3A = 60mΩ
RDS(ON), Vgs@-4.5V, Ids@-2.8A = 140mΩ
Features
特性
Advanced trench process technology
高级的加工技术
High Density Cell Design For Ultra Low On-Resistance
极低的导通电阻高密度的单元设计
Improved Shoot-Through FOM
改良的成形工艺
Package Dimensions
封装尺寸及外形图
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0
°
8
°
J
0.375 REF.
E
0.40
0.90
K
45
°
F
0.19
0.25
G
1.27 TYP.
Maximum Ratings and Thermal Characteristics (TA = 25oC unless otherwise noted)
25
oC 极限参数和热特性
Ratings 等级
Parameter 极限参数
Symbol 符号
N-沟道
P-沟道
Unit 单位
Drain-Source Voltage
漏源电压
VDS
60
-60
V
Gate-Source Voltage
栅源电压
VGS
±20
±20
V
Continuous Drain Current
连续漏极电流
ID @TA=25℃
-3.2
A
Continuous Drain Current
连续漏极电流
ID @TA=70℃
3.6
-2.6
A
Pulsed Drain Current
脉冲漏极电流
IDM
20
-20
A
Total Power Dissipation
功耗
PD @TA=25℃
2.0
W
Linear Derating Factor
线性因子
0.016
W/℃
Operating Junction and Storage Temperature Range
使用及储存温度
Tj, Tstg
-55 ~ +150
℃
4612
HM


Similar Part No. - HM4612

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4610 HMSEMI-HM4610 Datasheet
937Kb / 9P
1A Current Limited Load Switch
HM4611B HMSEMI-HM4611B Datasheet
714Kb / 9P
N and P-Channel Enhancement Mode Power MOSFET
HM4611C HMSEMI-HM4611C Datasheet
822Kb / 9P
N and P-Channel Enhancement Mode Power MOSFET
HM4614B HMSEMI-HM4614B Datasheet
1Mb / 5P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
HM4618B HMSEMI-HM4618B Datasheet
836Kb / 10P
N and P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - HM4612

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com