Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM8024 Datasheet(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8024
Description  The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8024 Datasheet(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8024 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
第
8 页 共 9 页
4.2
PCB 排板部分
用户在设计
PCB 的时候,应该注意以下几个方面:
1、芯片的滤波电容尽量紧靠着芯片,过电容的连线应不宽于电容焊盘。
2、触摸按键检测部分的地线应该单独连接成一个独立的地,再有一个点连接到整机的共地。
3、避免高压、大电流、高频操作的主板与触摸电路板上下重叠安置。如无法避免,应尽量远离高压大电流
的期间区域或在主板上加屏蔽。
4、感应盘到触摸芯片的连线尽量短和细,如果 PCB 工艺允许尽量采用 5mil 的线宽。
5、感应盘到触摸芯片的连线不要跨越强干扰、高频的信号线。
6、感应盘到触摸芯片的连线周围 0.5mm 不要走其它信号线。
7、如果直接使用 PCB 板上的铜箔图案作触摸感应盘,应使用双面 PCB 板。触摸芯片和感应盘到 IC 引脚
的连线应放在感应盘铜箔的背面(
BOTTOM)。感应盘应紧贴触摸面板。
8、感应盘铜皮面的铺铜应采用网格图案,并且网格中铜的面积不超过网格总面积的 40%。铺铜必须离感应
盘有
0.5mm 以上的距离。原则是感应盘到 IC 连线的背面如果铺铜必须采用如图所示的图案,铜的面积不超过
网格总面积的
40%。
HM802



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com