Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM8024 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8024
Description  The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8024 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8024 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
第
3 页 共 9 页
1 、概 述
1.1
产品概述
HM8024 触摸感应 IC 是为实现人体触摸界面而设计的集成电路。可替代机械式轻触按键,实现防水防
尘、密封隔离、坚固美观的操作界面。使用该芯片可以实现
LED 灯光的触摸开关控制、亮度调节、以及色温调
节等效果,方案所需的外围电路简单,操作方便。确定好灵敏度选择电容,
IC 就可以自动克服由于环境温度、
湿度、表面杂物等造成的各种干扰,避免由于电阻、电容误差造成的按键差异。
1.2
基本特点
◇ 灯光亮度可根据需要随意调节,选择范围宽,操作简单方便
◇ 带两路灯光控制输出,可实现双灯管驱动
◇ 高灵敏度
(用户可自行调节)
◇ 高防水性能
◇ 待机功耗低,省电
◇ 高抗干扰性能,近距离、多角度手机干扰情况下,触摸响应灵敏度及可靠性不受影响
◇ 按键感应盘大小:大于
3mm×3mm,根据不同面板材质跟厚度而定
◇ 按键感应盘间距:大于
2mm
◇ 按键感应盘形状:任意形状(必须保证与面板的接触面积)
◇ 按键感应盘材料:
PCB 铜箔,金属片,平顶圆柱弹簧,导电橡胶,导电油墨,导电玻璃的 ITO 层等
◇ 面板材质:绝缘材料,如有机玻璃,普通玻璃,钢化玻璃,塑胶,木材,纸张,陶瓷,石材等
◇ 面板厚度:
0-12mm,根据不同的面板材质有所不同
◇ 工作温度:
-20℃-85℃
◇ 工作电压:
3V-5.5V
◇ 封装类型:
SOP8
◇ 应用领域:触摸台灯等。
HM8024


Similar Part No. - HM8024

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8024A HMSEMI-HM8024A Datasheet
574Kb / 7P
With two light control outputs for dual lamp drive
HM8024B HMSEMI-HM8024B Datasheet
385Kb / 6P
Single touch dual output LED color temperature dimming IC
More results

Similar Description - HM8024

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9045A RICHTEK-RT9045A Datasheet
168Kb / 11P
The RT9045A is a simple
logo
Nanjing International G...
AZ431 DGNJDZ-AZ431 Datasheet
392Kb / 4P
The output voltage can be adjusted to 36V
logo
Shenzhen Huazhimei Semi...
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8025 HMSEMI-HM8025 Datasheet
520Kb / 7P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM9024 HMSEMI-HM9024 Datasheet
595Kb / 7P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient
logo
Shanghai Leiditech Elec...
LCE431 LEIDITECH-LCE431 Datasheet
1Mb / 5P
The output voltage can be adjusted to 36V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com