Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM8024 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8024
Description  The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8024 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8024 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
第
5 页 共 9 页
2 、应用说明
2.1
参考原理图
C1、C2 和 C3 靠近 IC
注:
当介质材料及厚度等差异较大时,可通过调整
C3 采样电容容值来调节触摸灵敏度。电容容值越
大,灵敏度越高;电容容值越小,灵敏度越低。
2.2
功能描述
1、初始上电时,灯为关闭的状态。
2、关灯状态时,点击按键(触摸持续时间小于 550ms),实现开灯功能,再一次点击该按键,实现模式的切换
(
LED1 亮 LED2 灭---LED1 灭 LED2 亮---LED1 亮 LED2 亮--- LED1 灭 LED2 灭),如此循环。
3、长按触摸(触摸持续时间大于 550ms)时,可实现当前模式下灯光无级亮度调节。一次长按触摸,灯光亮
度逐渐增加,松开时灯光亮度停在松开时刻对应的亮度,若长按时间超过
3 秒钟,则灯光亮度达到最大亮度
后不再变化;再一次长按触摸,灯光亮度逐渐降低,松开时灯光亮度停在松开时刻对应的亮度,若长按时间超
过
3 秒钟,则灯光亮度达到最小亮度后不再变化,灯光的调节范围 5%-100%,如此循环。
4、点击触摸和长按触摸可以在任何时候随意使用,相互之间功能不受干扰和限制。
5、带亮度和色温记忆功能,在电源不断电的情况下,每次点击触摸关灯时的色温和亮度会被记忆,下次点击触
摸开灯时会停在记忆的亮度。
6、LO1 在关灯状态输出低电平,开灯状态输出高电平,可用作工作指示,没用到时将其悬空。
HM802



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com