Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5721 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5721
Description  Silicon Digital Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5721 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5721 Datasheet HTML 4Page - Analog Devices ADRF5721 Datasheet HTML 5Page - Analog Devices ADRF5721 Datasheet HTML 6Page - Analog Devices ADRF5721 Datasheet HTML 7Page - Analog Devices ADRF5721 Datasheet HTML 8Page - Analog Devices ADRF5721 Datasheet HTML 9Page - Analog Devices ADRF5721 Datasheet HTML 10Page - Analog Devices ADRF5721 Datasheet HTML 11Page - Analog Devices ADRF5721 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ADRF5721
Data Sheet
Rev. 0 | Page 8 of 17
TYPICAL PERFORMANCE CHARACTERISTICS
INSERTION LOSS, RETURN LOSS, STATE ERROR, STEP ERROR, AND RELATIVE PHASE
VDD = 3.3 V, VSS = −3.3 V, digital voltages = 0 V or VDD, TCASE = 25°C, and a 50 Ω system, unless otherwise noted. Measured on probe
matrix board using ground signal ground (GSG) probes close to the RF pins (ATTIN and ATTOUT). See the Applications Information
section for details on evaluation and probe matrix boards.
Figure 8. Insertion Loss vs. Frequency over Temperature
Figure 9. Normalized Attenuation vs. Frequency for All States at Room
Temperature
Figure 10. Input Return Loss vs. Frequency (Major States Only)
Figure 11. Output Return Loss vs. Frequency (Major States Only)
Figure 12. Step Error vs. Frequency (Major States Only)
Figure 13. Step Error vs. Attenuation State over Frequency
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
0
5
10
15
20
25
30
35
40
45
FREQUENCY (GHz)
+105°C
+25°C
–40°C
+85°C
0
5
10
15
20
25
30
35
40
45
FREQUENCY (GHz)
–35
–30
–25
–20
–15
–10
–5
0
0
5
10
15
20
25
30
35
40
45
FREQUENCY (GHz)
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
STATE 0dB
STATE 2dB
STATE 4dB
STATE 8dB
STATE 16dB
STATE 30dB
0
5
10
15
20
25
30
35
40
45
FREQUENCY (GHz)
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
STATE 0dB
STATE 2dB
STATE 4dB
STATE 8dB
STATE 16dB
STATE 30dB
0
5
10
15
20
25
30
35
40
45
FREQUENCY (GHz)
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
STATE 0dB
STATE 2dB
STATE 4dB
STATE 8dB
STATE 16dB
STATE 30dB
ATTENUATION STATE
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
2
4
6
8
10 12 14 16
18 20 22 24
26 28 30
5GHz
10GHz
15GHz
20GHz
25GHz
30GHz
35GHz
40GHz
45GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com