Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5721 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5721
Description  Silicon Digital Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5721 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5721 Datasheet HTML 1Page - Analog Devices ADRF5721 Datasheet HTML 2Page - Analog Devices ADRF5721 Datasheet HTML 3Page - Analog Devices ADRF5721 Datasheet HTML 4Page - Analog Devices ADRF5721 Datasheet HTML 5Page - Analog Devices ADRF5721 Datasheet HTML 6Page - Analog Devices ADRF5721 Datasheet HTML 7Page - Analog Devices ADRF5721 Datasheet HTML 8Page - Analog Devices ADRF5721 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
9 kHz to 40 GHz
Data Sheet
ADRF5721
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultrawideband frequency range: 9 kHz to 40 GHz
Attenuation range: 2 dB steps to 30 dB
Low insertion loss
1.6 dB to 18 GHz
2.0 dB to 26 GHz
3.4 dB to 40 GHz
Attenuation accuracy
±(0.1 + 1.0%) of attenuation state up to 18 GHz
±(0.1 + 2.5%) of attenuation state up to 26 GHz
±(0.6 + 10.0%) of attenuation state up to 40 GHz
Typical step error
±0.15 dB to 18 GHz
±0.20 dB to 26 GHz
±0.60 dB to 40 GHz
High input linearity
P0.1dB insertion loss state: 30 dBm
P0.1dB other attenuation states: 26 dBm
IP3: 50 dBm typical
High RF input power handling: 26 dBm average, 30 dBm peak
Tight distribution in relative phase
No low frequency switching spurs
SPI and parallel mode control, CMOS/LVTTL compatible
RF amplitude settling time (0.1 dB of final RF output): 8.5 μs
2.5 mm × 2.5 mm, 16-terminal LGA package
Pin compatible with ADRF5731, fast switching version
APPLICATIONS
Industrial scanners
Test and instrumentation
Cellular infrastructure: 5G millimeter wave
Military radios, radars, electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADRF5721 is a silicon, 4-bit digital attenuator with a 30 dB
attenuation control range in 2 dB steps.
This device operates from 9 kHz to 40 GHz with better than 3.4 dB
of insertion loss. The ATTIN port of the ADRF5721 has a radio
frequency (RF) input power handling capability of 26 dBm
average and 30 dBm peak for all states.
The ADRF5721 requires a dual supply voltage of +3.3 V and
−3.3 V. The device features serial peripheral interface (SPI),
parallel mode control, and complementary metal-oxide
semiconductor (CMOS)-/low voltage transistor to transistor
logic (LVTTL)-compatible controls.
The ADRF5721 is pin compatible with the ADRF5731, the fast
switching version, which operates from 100 MHz to 40 GHz.
The ADRF5721 RF ports are designed to match a characteristic
impedance of 50 Ω.
The ADRF5721 comes in a 16-terminal, 2.5 mm × 2.5 mm,
RoHS compliant, land grid array (LGA) package and operates
from −40°C to +105°C.
PACKAGE
BASE
SERIAL/
PARALLEL
INTERFACE
4-BIT DIGITAL
ATTENUATOR
VDD
D4/SERIN
VSS
GND
ADRF5721
ATTOUT
1
D5/CLK
2
GND
3
ATTIN
4
12
11
10
9
6
5
78
16
15
14
13


Similar Part No. - ADRF5721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5720 AD-ADRF5720 Datasheet
651Kb / 19P
Silicon Digital Attenuator, 9kHz to 40GHz
7/2018-Revision 0
ADRF5720-EVALZ AD-ADRF5720-EVALZ Datasheet
651Kb / 19P
Silicon Digital Attenuator, 9kHz to 40GHz
7/2018-Revision 0
ADRF5720BCCZN AD-ADRF5720BCCZN Datasheet
651Kb / 19P
Silicon Digital Attenuator, 9kHz to 40GHz
7/2018-Revision 0
ADRF5720BCCZN-R7 AD-ADRF5720BCCZN-R7 Datasheet
651Kb / 19P
Silicon Digital Attenuator, 9kHz to 40GHz
7/2018-Revision 0
More results

Similar Description - ADRF5721

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT20-0273 MA-COM-AT20-0273 Datasheet
105Kb / 4P
Digital Attenuator
AT-107-PIN MA-COM-AT-107-PIN Datasheet
135Kb / 4P
Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
Digital Attenuator
MAATCC0006 MA-COM-MAATCC0006 Datasheet
130Kb / 5P
Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
Digital Attenuator
logo
Analog Devices
ADRF5720 AD-ADRF5720 Datasheet
651Kb / 19P
Silicon Digital Attenuator, 9kHz to 40GHz
7/2018-Revision 0
ADRF5730 AD-ADRF5730 Datasheet
640Kb / 19P
Silicon Digital Attenuator
7/2018-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com