Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5721 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5721
Description  Silicon Digital Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5721 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5721 Datasheet HTML 6Page - Analog Devices ADRF5721 Datasheet HTML 7Page - Analog Devices ADRF5721 Datasheet HTML 8Page - Analog Devices ADRF5721 Datasheet HTML 9Page - Analog Devices ADRF5721 Datasheet HTML 10Page - Analog Devices ADRF5721 Datasheet HTML 11Page - Analog Devices ADRF5721 Datasheet HTML 12Page - Analog Devices ADRF5721 Datasheet HTML 13Page - Analog Devices ADRF5721 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ADRF5721
Data Sheet
Rev. 0 | Page 10 of 17
INPUT POWER COMPRESSION AND THIRD-ORDER INTERCEPT
Figure 18. Input P0.1dB vs. Frequency (Major States Only)
Figure 19. Input IP3 vs. Frequency (Major States Only)
Figure 20. Input P0.1dB vs. Frequency (Major States Only), Low Frequency Detail
Figure 21. Input IP3 vs. Frequency (Major States Only), Low Frequency Detail
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
STATE 0dB
STATE 2dB
STATE 4dB
STATE 8dB
STATE 16dB
STATE 30dB
0
10
20
30
40
50
60
80
70
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
STATE 0dB
STATE 2dB
STATE 4dB
STATE 8dB
STATE 16dB
STATE 30dB
0
5
10
15
20
25
30
35
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
STATE 0dB
STATE 2dB
STATE 4dB
STATE 8dB
STATE 16dB
STATE 30dB
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
STATE 0dB
STATE 2dB
STATE 4dB
STATE 8dB
STATE 16dB
STATE 30dB
0
10
20
30
40
50
60
80
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com