Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5721 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5721
Description  Silicon Digital Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5721 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5721 Datasheet HTML 9Page - Analog Devices ADRF5721 Datasheet HTML 10Page - Analog Devices ADRF5721 Datasheet HTML 11Page - Analog Devices ADRF5721 Datasheet HTML 12Page - Analog Devices ADRF5721 Datasheet HTML 13Page - Analog Devices ADRF5721 Datasheet HTML 14Page - Analog Devices ADRF5721 Datasheet HTML 15Page - Analog Devices ADRF5721 Datasheet HTML 16Page - Analog Devices ADRF5721 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
ADRF5721
Rev. 0 | Page 13 of 17
PARALLEL MODE INTERFACE
The ADRF5721 has four digital control inputs, D2 (LSB) to D5
(MSB), to select the desired attenuation state in parallel mode, as
shown in Table 7. The parallel control interface is activated when
PS is set to low.
There are two modes of parallel operation: direct parallel and
latched parallel.
Direct Parallel Mode
To enable direct parallel mode, keep the LE pin high. To change
the attenuation state, use the control voltage inputs (D2 to D5)
directly. This mode is ideal for manual control of the attenuator.
Latched Parallel Mode
To enable latched parallel mode, keep the LE pin low when
changing the control voltage inputs (D2 to D5) to set the
attenuation state. When the desired state is set, toggle LE high
to transfer the 4-bit data to the bypass switches of the attenuator
array, and then toggle LE low to latch the change into the device
until the next desired attenuation change (see Figure 26 in
conjunction with Table 2).
Figure 26. Latched Parallel Mode Timing Diagram
D5 TO D2
PS
LE
tPS
tPH
tLEW
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com