Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1071-2ACCZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP1071-2ACCZ-R7
Description  Isolated Synchronous Flyback Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1071-2ACCZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP1071-2ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Data Sheet
ADP1071-1/ADP1071-2
Rev. B | Page 25 of 27
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUITS
GATE
ZENER
EMI FILTER
AND
RECTIFIER
90V TO 264V AC
VIN
(385V DC)
AUXILIARY PS
RRAMP
RSTARTUP
VOUT
AGND1
VREG1
MODE
EN
CS
RT
SYNC
EXTERNAL
STARTUP CIRCUIT
SR
AGND2
VREG2
VDD2
OVP
FB
COMP
SS2
ADP1071-1
Figure 29. ADP1071-1 Typical Application with External Start-Up Circuit and Auxiliary Power
GATE
VIN = 4.5V TO 60V
RRAMP
RSTARTUP
VOUT
AGND1
VREG1
VIN
EN
CS
RT
SYNC
SR
AGND2
VDD2
VREG2
OVP
FB
COMP
SS2
ADP1071-2
Figure 30. ADP1071-2 Low Input Voltage Flyback Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com