Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1071-2ACCZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1071-2ACCZ-R7
Description  Isolated Synchronous Flyback Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1071-2ACCZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1071-2ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
ADP1071-1/ADP1071-2
Data Sheet
Rev. B | Page 22 of 27
VFB (1.2V)
SS2 (1.4V)
VDD2 UVLO
(3.5V)
VDD2
200ms HICCUP COUNTER
SS2
CAPACITOR
SS1
CAPACITOR
DEPENDS ON VDD2
CAPACITOR AND IDD2
CONSUMPTION
(5mA TYPICAL)
HANDOVER TIME FROM
PRIMARY TO SECONDARY
(128 ×
tS)
TIME
PWM SWITCHING
DEPENDS ON SYSTEM
BANDWIDTH
Figure 21. Remote Software Reset with 200 ms Hiccup
VFB = 1.2V
SS2 = 1.4V
DEPENDS ON
LOOP BANDWIDTH
TIME
VDD2
DEPENDS ON
LOOP BANDWIDTH
VDD2_UVLO
3.1V
Figure 22. Tracking with SS2 Pin
OCP COUNTER
During overload conditions when the peak sensed currents
exceed the OCP threshold voltage of 120 mV on the CS pin, the
ADP1071-1/ADP1071-2 immediately terminate the remainder
of the PWM pulse. If the peak sense current continues to exceed
the threshold every switching period for 1.5 ms, the system
enters hiccup mode, by which it shuts down for approximately
40 ms and then soft starts. During an exceeded overcurrent
situation, such as a dead short, it is likely that the programmed
slope compensation is not enough, and therefore, the system
enters subharmonic oscillation. If this is the case, the system
cannot enter hiccup mode because the OCP threshold is crossed
every alternate switching period, and the 1.5 ms hiccup counter
resets.
To prevent this scenario, the ADP1071-1/ADP1071-2 latch the
last known state, whereby if an OCP condition registered as a 1
in one switching period and as a 0 in the next switching period,
it is still counted as a 1. In this manner, the system can enter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com