Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1071-2ACCZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1071-2ACCZ-R7
Description  Isolated Synchronous Flyback Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1071-2ACCZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1071-2ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Data Sheet
ADP1071-1/ADP1071-2
Rev. B | Page 5 of 27
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CURRENT-LIMIT SENSE
(PRIMARY)
CS Limit Threshold
VCS_LIM
Overcurrent sense limit threshold
120
mV
CS Leading Edge
Blanking Time
150
ns
Current Source di/dt for
Slope Compensation
Switching period (tS) = 1/fS
20
µA per tS
Overcurrent Protection
(OCP) Comparator
Delay
40
ns
Time in OCP Before
Entering Hiccup
Mode
1.5
ms
OCP Hiccup Time
See the Input/Output Current-Limit
Protection section
40
ms
FB PIN AND ERROR
AMPLIFIER
Feedback Accuracy
Voltage
VFB
TJ = −40°C to +85°C
−0.85%
+1.2
+0.85%
V
TJ = −40°C to +125°C
−1.25%
+1.2
+1.25%
V
Temperature
Coefficient
76
ppm/°C
FB Input Bias Current
−100
1
+100
nA
Transconductance
gm
230
250
270
µS
Output Current Clamp
Minimum
−57
µA
Maximum
43
µA
COMP Clamp Voltage
Maximum
2.52
V
Minimum
0.7
V
Open-Loop Gain
80
dB
Output Shunt Resistance
5
GΩ
Gain Bandwidth Product
1
MHz
PRECISION ENABLE
THRESHOLD
EN Threshold
VEN
EN rising
1.14
1.2
1.26
V
EN Hysteresis
VEN < 1.2 V
4
µA
VEN > 1.2 V
1
µA
EN Hysteresis Current
3
µA
LIGHT LOAD MODE
(ADP1071-1 ONLY)
LLM Current Source
Resistor from MODE to AGND1
5.5
6.5
7.5
µA
TEMPERATURE
Thermal Shutdown
155
°C
Hysteresis
−15
°C
SOFT START
Open Loop Soft Start
Time on Primary
tSS1
GATE resistor = 10 kΩ
16 × 775
tS
GATE resistor = 22 kΩ
64 × 775
tS
GATE resistor = 47 kΩ
256 × 775
tS
GATE resistor = 100 kΩ
4 × 775
tS
SS2 Current Source
During startup
20
µA
SS2 Discharging
Current
During a fault condition or soft stop
30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com