Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1071-2ACCZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1071-2ACCZ-R7
Description  Isolated Synchronous Flyback Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1071-2ACCZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1071-2ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADP1071-2ACCZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Data Sheet
ADP1071-1/ADP1071-2
Rev. B | Page 11 of 27
18
18
OVP
Output Overvoltage Protection. The OVP threshold is set at 1.36 V. Connect a resistive divider
from the OVP pin to the output and AGND2.
19
19
VDD2
Input Supply on the Secondary Side. Connect VDD2 to the output voltage of the power
supply for a self driven configuration. Connect a 4.7 µF capacitor from VDD2 to AGND2. The
size of this capacitor can be reduced if the input voltage to VDD2 is guaranteed to be stable.
20
20
VREG2
5 V Regulated LDO Output for Internal Bias and Powering of the Drivers of the Synchronous
Rectifiers. Do not use VREG2 as a reference or load. Connect a 1 µF capacitor from VREG2 to
AGND2.
21
21
AGND2
Analog Ground on Secondary Side.
22
22
NC
No Connect.
23
23
NC
No Connect.
24
24
SR
Driver Output for Synchronous Rectifier MOSFET.
EPAD1
Exposed Pad 1. Exposed pad is internally tied to AGND1.
EPAD2
Exposed Pad 2. Exposed pad is internally tied to AGND2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com