Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5635 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 2SC5635
Description  8 GHz Wideband NPN Chip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

2SC5635 Datasheet(HTML) 4 Page - Silicon Supplies

  2SC5635 Datasheet HTML 1Page - Silicon Supplies 2SC5635 Datasheet HTML 2Page - Silicon Supplies 2SC5635 Datasheet HTML 3Page - Silicon Supplies 2SC5635 Datasheet HTML 4Page - Silicon Supplies 2SC5635 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5 
www.siliconsupplies.com
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
8 GHz Wideband NPN Chip – 2SC5635
Rev 1.0
02/07/19
S11
S21
S12
S22
FREQUENCY
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
500
0.473
-102.1
7.745
108.2
0.076
52.4
0.420
-60.1
600
0.434
-113.7
6.955
102.1
0.082
53.1
0.389
-62.1
700
0.410
-127.8
6.038
95.9
0.089
52.5
0.325
-69.8
800
0.391
-134.7
5.488
92.5
0.096
53.4
0.302
-69.2
900
0.375
-141.5
4.872
87.9
0.104
54.4
0.273
-71.5
1000
0.365
-146.5
4.457
85.6
0.110
54.7
0.258
-71.7
1100
0.361
-152.6
4.073
82.1
0.118
55.1
0.242
-74.8
1200
0.350
-155.8
3.805
79.7
0.125
55.7
0.232
-74.9
1300
0.345
-160.2
3.486
77.1
0.133
56.0
0.219
-76.7
1400
0.342
-162.7
3.279
75.5
0.140
56.1
0.213
-77.0
1500
0.337
-165.4
3.106
73.8
0.147
56.4
0.211
-77.1
1600
0.337
-169.4
2.928
70.3
0.155
56.2
0.205
-78.4
1700
0.330
-171.3
2.772
69.2
0.161
56.2
0.205
-79.9
1800
0.332
-174.0
2.617
67.0
0.170
56.3
0.198
-80.6
1900
0.328
-176.5
2.511
65.2
0.176
56.0
0.197
-82.2
2000
0.325
-178.4
2.413
63.4
0.184
55.6
0.200
-84.2
S11
S21
S12
S22
FREQUENCY
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
500
0.483
-94.6
8.003
110.1
0.071
54.4
0.458
-52.0
600
0.436
-106.1
7.231
104.2
0.077
54.8
0.428
-52.8
700
0.405
-120.3
6.321
97.7
0.085
54.0
0.360
-59.2
800
0.381
-127.6
5.738
94.0
0.091
54.8
0.340
-58.2
900
0.361
-134.6
5.103
89.6
0.099
55.8
0.312
-59.8
1000
0.349
-139.9
4.683
87.0
0.104
56.3
0.297
-59.2
1100
0.342
-146.3
4.290
83.4
0.112
56.5
0.280
-61.4
1200
0.330
-149.6
3.990
81.2
0.119
57.0
0.270
-61.6
1300
0.323
-154.5
3.669
78.4
0.126
57.5
0.256
-61.7
1400
0.321
-157.2
3.455
76.2
0.133
57.4
0.254
-62.9
1500
0.314
-160.0
3.273
74.3
0.140
57.6
0.252
-62.7
1600
0.313
-164.3
3.086
71.2
0.147
57.8
0.245
-63.3
1700
0.305
-166.2
2.915
70.4
0.153
57.4
0.244
-65.4
1800
0.308
-169.1
2.765
67.9
0.162
57.4
0.240
-66.2
1900
0.304
-171.9
2.648
65.9
0.169
57.3
0.237
-67.3
2000
0.299
-173.6
2.538
64.7
0.175
57.0
0.239
-69.1
S-Parameters continued
VCE = 3V, IC = 10mA
VCE = 5V, IC = 10mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com