Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5635 Datasheet(PDF) 3 Page - Silicon Supplies

Part # 2SC5635
Description  8 GHz Wideband NPN Chip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

2SC5635 Datasheet(HTML) 3 Page - Silicon Supplies

  2SC5635 Datasheet HTML 1Page - Silicon Supplies 2SC5635 Datasheet HTML 2Page - Silicon Supplies 2SC5635 Datasheet HTML 3Page - Silicon Supplies 2SC5635 Datasheet HTML 4Page - Silicon Supplies 2SC5635 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
8 GHz Wideband NPN Chip – 2SC5635
Rev 1.0
02/07/19
Typical Characteristics continued
FIGURE 3. Insertion Power Gain
versus Collector Current – 1V
FIGURE 4. DC Current Gain versus
Collector Current
S-Parameters
VCE = 1V, IC = 1mA
S11
S21
S12
S22
FREQUENCY
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
500
0.462
-121.3
6.597
102.5
0.087
48.1
0.352
-84.5
600
0.440
-131.7
5.854
97.0
0.094
48.9
0.32
-87.7
700
0.434
-143.9
5.029
91.8
0.102
48.7
0.278
-100.6
800
0.423
-149.9
4.569
88.0
0.109
49.7
0.254
-101.8
900
0.413
-155.5
4.031
84.1
0.117
51.0
0.233
-107.1
1000
0.407
-159.7
3.685
82.1
0.124
51.3
0.220
-109.7
1100
0.407
-164.6
3.367
78.5
0.133
51.8
0.211
-114.9
1200
0.397
-167.5
3.141
76.4
0.140
52.3
0.201
-116.5
1300
0.395
-171.3
2.88
73.7
0.150
52.8
0.192
-120.3
1400
0.393
-173.3
2.712
72.2
0.157
53.0
0.187
-122.0
1500
0.389
-175.7
2.574
69.9
0.164
53.2
0.181
-122.4
1600
0.392
-179.0
2.435
67.0
0.173
53.2
0.176
-124.9
1700
0.384
179.1
2.307
65.3
0.180
53.0
0.178
-126.3
1800
0.386
177.0
2.178
63.8
0.189
52.8
0.174
-128.4
1900
0.383
174.5
2.089
61.8
0.197
52.8
0.175
-130.4
2000
0.379
173.1
2.011
60.4
0.204
52.4
0.177
-131.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com