Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5635 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 2SC5635
Description  8 GHz Wideband NPN Chip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

2SC5635 Datasheet(HTML) 1 Page - Silicon Supplies

  2SC5635 Datasheet HTML 1Page - Silicon Supplies 2SC5635 Datasheet HTML 2Page - Silicon Supplies 2SC5635 Datasheet HTML 3Page - Silicon Supplies 2SC5635 Datasheet HTML 4Page - Silicon Supplies 2SC5635 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
8 GHz Wideband NPN Chip – 2SC5635
 
Silicon NPN Low Power Planar RF Transistor in bare die form
Rev 1.0
02/07/19
High Power Gain
Low Operating Voltage
Low Noise
Wide Transition Frequency
 
 
 
 
 
 
NPN transistor in unencapsulated chip form. It is
primarily intended for use in RF wideband amplifiers,
such as in aerial amplifiers, radar systems,
oscilloscopes, spectrum analyzers, etc. The transistor
features low intermodulation distortion and high power
gain; due to its very high transition frequency, it also
has excellent wideband properties and low noise up to
high frequencies. Closest available PNP complement
is BFT92.
Description
Features:
Die Dimensions in µm (mils)
 
360 (14.17)
E
B
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
360 x 360
14.17 x 14.17
µm
mils
Base & Emitter
Bond Pad Size
90 Ø
3.54 Ø
µm
mils
Die Thickness
180 (±20)
7.09 (±0.78)
µm
mils
Top Metal Composition
Al-Si
Back Metal Composition
AuAsAu
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-750 /2072 Visual Inspection
“H” - MIL-STD-750 /2072 Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-750 /2072 Visual Inspection
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
E = EMITTER, B = BASE
CHIP BACKSIDE IS COLLECTOR
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – By specific request
Unsawn Wafer – By specific request
With additional electrical selection – Specific request
Sawn as pairs or adjacent pair pick – Specific request
Page 1 of 5 
www.siliconsupplies.com


Similar Part No. - 2SC5635

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC5635 ISAHAYA-2SC5635 Datasheet
95Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - 2SC5635

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG67 PHILIPS-BFG67 Datasheet
133Kb / 16P
NPN 8 GHz wideband transistors
1998 Oct 02
BFQ67T PHILIPS-BFQ67T Datasheet
92Kb / 12P
NPN 8 GHz wideband transistor
2000 Mar 06
BFQ67W PHILIPS-BFQ67W Datasheet
101Kb / 10P
NPN 8 GHz wideband transistor
September 1995
BFG65 PHILIPS-BFG65 Datasheet
476Kb / 9P
NPN 8 GHz wideband transistor
November 1992
BFG67 NXP-BFG67 Datasheet
287Kb / 14P
NPN 8 GHz wideband transistors
Rev. 05-23 November 2007
logo
Quanzhou Jinmei Electro...
BFG67_2015 JMNIC-BFG67_2015 Datasheet
116Kb / 16P
NPN 8 GHz wideband transistors
BFQ67_2015 JMNIC-BFQ67_2015 Datasheet
91Kb / 12P
NPN 8 GHz wideband transistor
BFG67 JMNIC-BFG67_15 Datasheet
116Kb / 16P
NPN 8 GHz wideband transistors
BFG198 JMNIC-BFG198_15 Datasheet
83Kb / 12P
NPN 8 GHz wideband transistor
BFQ67W JMNIC-BFQ67W_15 Datasheet
85Kb / 10P
NPN 8 GHz wideband transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com