Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5635 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 2SC5635
Description  8 GHz Wideband NPN Chip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

2SC5635 Datasheet(HTML) 2 Page - Silicon Supplies

  2SC5635 Datasheet HTML 1Page - Silicon Supplies 2SC5635 Datasheet HTML 2Page - Silicon Supplies 2SC5635 Datasheet HTML 3Page - Silicon Supplies 2SC5635 Datasheet HTML 4Page - Silicon Supplies 2SC5635 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
d 
8 GHz Wideband NPN Chip – 2SC5635
Rev 1.0
02/07/19
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Electrical Characteristics T
A = 25°C
Absolute Maximum Ratings T
A = 25°C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
SYMBOL
ICBO
Collector Cut-off Current
IE = 0 ; VCB = 10V
-
-
1
µA
IEBO
Emitter Cut-off Current
IC = 0 ; VEB = 1V
-
-
1
µA
hFE
DC Current Gain
IC = 10mA;VCE = 5V
50
-
250
-
fT
Transition Frequency
IE = 10mA;VCE = 5V
5
8
-
GHz
|S21e|
2
Insertion Power Gain
IC = 10mA;VCE = 5V;
f = 1 GHz
9
12
-
dB
NF
Noise Figure
IC = 5mA; VCE = 5V;
f = 1 GHz
-
1.4
-
dB
Cob
Collector Output
Capacitance
IE = 0;VCB=5V
f = 1MHz
-
1
-
pF
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCBO
Collector-Base Voltage
Open Emitter
-
15
V
VCEO
Collector-Emitter Voltage
Open Base
-
6
V
VEBO
Emitter-Base Voltage
Open Collector
-
1.5
V
IC
DC Collector Current
-
-
50
mA
Ptot
1
Total Power Dissipation
-
-
125
mW
Tstg
Storage Temperature
-
-65
150
ºC
TJ
Junction Temperature
-
-
175
ºC
Typical Characteristics
FIGURE 1. Gain Bandwidth Product
versus Collector Current
FIGURE 2. Insertion Power Gain
versus Collector Current – 3V
1. Measured in plastic SC-70 package, results in die form are dependent on die attach and assembly method.
Page 2 of 5 
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com